전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S8225 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 S8225
부품 상세설명  High-End Dual-socket workstation platform for HPC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

S8225 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  S8225 Datasheet HTML 1Page - List of Unclassifed Manufacturers S8225 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYAN Business Unit
MITAC INTERNATIONAL CORP.
S8225
S8225AGM4NRF / S8225WAGM4NRF
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
Specifications
(Specifications are subject to change without notice. Items pictured may only be representative.)
Block Diagram
PCI
1394
VT6308P
BMC
AST2050
PCI Slot #5
(2) 5x2 Headers
PCI-E Gen2 x16 Slot #7
PCI-E Gen2 x16 Slot #5
x16
x16
x4
x4
x16 HT3.0
x4 A-link
RDDR3 memory
DDR3 800/1066/1333
RDDR3 memory
DDR3 800/1066/1333
Socket C32
Socket C32
Secondary
SR5690
I/O Hub
Secondary
SR5690
I/O Hub
PCI-E Gen2 x4 Slot #6
PCI-E Gen2 x16 Slot #3
PCI-E Gen2 x16 Slot #1
PCI-E Gen2 x8 Slot #4
x16
x16
x4
x4
x16 HT3.0
x16 HT3.0
SP5100
South
Bridge
Mini-SAS x 2
RJ45 x2
RJ45
LSI2008
Intel
82576
Intel
82574
RJ45
Intel
82574
x1
x1
SATA2 x6
ALC262
TPM
SLB9635
SPI BIOS
6x2 Header
5x2 Header
SIO
W83627DHG-P
COM1
COM2
USB (4) Rear + (2) headers + (1) Type A
AMD Opteron™ 4100/4200 series
processors
C32 1207-pin / (2)
75W
Up to 6.4 GT/s Hyper-Transport link
support
(2) AMD SR5690 + SP5100
Winbond W83627
(4)+(4) DIMM slots
U/RDDR3 & LV RDDR3,
800/1066/1333MHz
supports up to 128GB RDIMM at
800MHz or 32GB UDIMM at 1066MHz
2 Channels per CPU
1.35V/ 1.5V
(4) PCI-E Gen.2 x16 slots (w/ x16 link,
Sot#5,7 from 1st SR5690; Slot#1,3 from
2nd SR5690)
(1) PCI-E Gen.2 x8 slot (w/ x4link from
2nd SR5690, Slot#4)
(1) PCI-E Gen.2 x4 slot (w/x4 link from
2nd SR5690, Slot#6)
(1) PCI 32-bit slots (Slot#2)
Recommende
d Barebones /
Chassis
FT48
4
(2) Intel 82574L / (1) Intel 82576EB
Connector
(2) Mini-SAS connectors (support 4 HDD’
s/cable)
Controller
LSI SAS2008 (for S8225WAGM4NRF
only)
Speed
6.0 Gb/s
RAID
RAID 0/1/1E/10 (LSI Integrated RAID)
Connector
(6) SATA
Controller
AMD SP5100
Speed
3.0 Gb/s
RAID
RAID 0/1/10/5 (Promise Integrated RAID)
D-Sub 15-pin
1600x1200@60Hz
Aspeed AST2050
Realtek ALC262
2.1 channel
(2) IEEE 1394 headers
VIA VT6308P PCI Firewire controller
(9) USB2.0 ports (4 at rear, 4 via cable, 1
Vertical [Type A] onboard)
(2) ports (1 at rear, 1 via cable)
(2) Mini-SAS (4-in-1) connectors
(1) D-Sub 15-pin VGA port
(4) GbE ports
ATX12V / Universal 24-pin + 8-pin + 8-
pin power connectors
(1) 2x12-pin SSI front panel header
(6) SATA-II connectors
(1) 2 x 5pin header for front panel audio
connector
(1) 2 x 6pin header for rear panel audio
connector
(2) IEEE 1394 headers
Firewire
Port Q'ty
Chipset
Audio
Onboard Chipset
Feature
Storage
SAS
SATA
Graphic
Connector type
Resolution
Chipset
Front Panel
Firewire
SATA
LAN
Port Q'ty
Controller
Input /Output
USB
COM
SAS
VGA
RJ-45
Power
Expansion
Slots
PCI-E
PCI
2U Chassis
Processor
Supported CPU
Series
Socket Type / Q'ty
Average CPU Power
(ACP) wattage
System Bus
Audio
Chipset
Chipset
Super I/O
Memory
DIMM slot Qty
DIMM Type / Speed
Capacity
Memory channel
Memory voltage
Winbond W83793G
Monitors voltage for CPU, memory,
chipset & power supply
(7) 4-pin headers + (1) 20-pin header
Monitors temperature for CPU & system
environment
Fan fail LED indicator / Over temperature
warning indicator / Fan & PSU fail LED indicator
Watchdog timer support
Onboard Aspeed AST2050
IPMI 2.0 compliant baseboard
management controller (BMC) / USB 2.0
virtual hub
24-bit high quality video compression /
Dual 10/100 Mb/s MAC interfaces
AMI / 4MB
Plug and Play (PnP) /PCI2.3 /WfM2.0
/SMBIOS2.3 /PXE boot / ACPI 2.0 power
management /Power on mode after
power recovery / User-configurable H/W
monitoring
E-ATX
12"x13" (305x330mm)
Operating
System
Please visit our web site for the latest
update.
Class B
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
(1) S8225 Motherboard
(1) User's manual / (1) Quick Ref. Guide
(1) TYAN installation CD
(1) I/O Shield
SATA
(6) SATA signal cables
SAS
(2) mini-SAS cables (for
S82225WAGM4NRF only)
I/O Shield
OS supported list
Regulation
FCC (DoC)
CE (DoC)
BIOS
Brand / ROM size
Cable
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
RoHS 6/6 Complaint
Package
Contains
Motherboard
Manual
Installation CD
Feature
Physical
Dimension
Form Factor
Board Dimension
Server
Management
Onboard Chipset
AST2050 IPMI
Feature
AST2050 iKVM
Feature
System
Monitoring
Chipset
Voltage
Fan
Temperature
LED
Others


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn