전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG-2027B-CIB020H 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SSG-2027B-CIB020H
상세설명  2 Intel Xeon E5-2403 v2 1.8GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSG-2027B-CIB020H 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SSG-2027B-CIB020H Datasheet HTML 1Page - List of Unclassifed Manufacturers SSG-2027B-CIB020H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Base System Specifications
The SSG-2027B-CIB020H is a preconfigured system, built to the following specifications. Full specifications can be found at:
http://www.supermicro.com/products/system/2U/2027/SSG-2027B-DE2R24L.cfm
For more information, call your sales representative and
ask about P/N SSG-2027B-CIB020H.
© 2014 Super Micro Computer, Inc. All rights reserved.
PRODUCT SKU
SSG-2027B-CIB020H
SuperServer SSG-2027B-CIB020H (Black)
MOTHERBOARD (PER NODE)
1x Super X9DBS-F-2U
PROCESSOR / CACHE (PER NODE)
CPU
2x Intel® Xeon® E5-2403 v2 processors (1.8GHz)
Cache
10MB/processor
System Bus
6.4GT/s QPI
SYSTEM MEMORY (PER NODE)
Memory Capacity
• 6x 240-pin DIMM sockets
• 64GB installed (4x 16GB DIMMs)
• Memory Mirroring supported
Memory Type
1600 ECC Registered / ECC DDR3 SDRAM 72-bit,
240-pin gold-plated DIMMs
Memory Voltage
1.35V
EXPANSION SLOTS (PER NODE)
PCI-Express
3x PCI-E 3.0 x8 slots (on riser)
NETWORKING (PER NODE)
LAN Ports
2x GbE LAN ports (One for IPMI 2.0)
Server Management
• Intelligent Platform Management Interface
(IPMI 2.0) with internal node to node link
• Virtual media and KVM-over-LAN support
See www.supermicro.com/products/nfo/IPMI.cfm
for more information
CHASSIS AND DIMENSIONS
Form Factor
2U Rackmount
H x W x D
3.5” (88mm) x 17.2” (437mm) x 25.5” (679mm)
INTEGRATED STORAGE
Hot-swap
20TB raw capacity (24x hot-swap 2.5” drive bays
populated with 20x 1TB 7200 RPM nearline SAS drives
and 4x 200GB SAS SSDs)
Internal
64GB SATA DOM (disk on module) per node with
Windows Storage Server 2012 R2 Standard preinstalled
JBOD EXPANSION
1x SAS2 expansion port per node (mini-SAS HD)
BACKPLANE
SAS2 dual expander architecture, featuring:
• Scalability through cascading
• 6Gb SAS2/SATA3 HDD support
• Inband SES-2 enclosure management
• Redundancy dual ported SAS architecture
• Robust AirMax server node connections (SBB specification)
SYSTEM COOLING
Fans
10x PWM Fans
POWER SUPPLY WITH POWER DISTRIBUTOR
920W high-efficiency (94%+) Redundant power supplies with PMBus and I2C
Networking Options
The high performance and low latency provided by this model make it ideal for high-volume transactional workloads such as
database and email storage. For even greater performance, the following Supermicro networking cards are supported and can
be added in pairs to the PCI-E expansion slots:
Easy Expansion
The use of Data Deduplication in Windows Storage Server 2012 R2 Standard can provide a significant increase in storage efficiency for many
common storage workloads. After maximum capacity is reached, the SSG-2027B-CIB020H can easily be expanded by connecting its built-in
JBOD expansion port to a Super SBB JBOD (Supermicro P/N SYS-937R-E2JB), which supports 16x 3.5” SAS2/SATA3 drives. Up to four JBODs can be
attached, providing up to an additional 384TB of raw disk capacity when populated with 6TB nearline SAS drives.
More information on Supermicro networking products can be
found at www.supermicro.com/products/nfo/networking.cfm
DESCRIPTION
QUALIFIED MODELS
Quad-port 1G
AOC-SG-i4
Dual-port 10G Base-T
AOC-STG-i2T
Dual-port 10G SFP+
AOC-STGN-i2S
Dual-port 10G SFP+ with RDMA
Emulex OCe14102-NX


유사한 부품 번호 - SSG-2027B-CIB020H

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
SSG-01H OMRON-SSG-01H Datasheet
765Kb / 10P
   Subminiature Basic Switch
SSG-01H-5 OMRON-SSG-01H-5 Datasheet
765Kb / 10P
   Subminiature Basic Switch
SSG-01L1H OMRON-SSG-01L1H Datasheet
765Kb / 10P
   Subminiature Basic Switch
SSG-01L1H-5 OMRON-SSG-01L1H-5 Datasheet
765Kb / 10P
   Subminiature Basic Switch
SSG-01L1P OMRON-SSG-01L1P Datasheet
765Kb / 10P
   Subminiature Basic Switch
More results

유사한 설명 - SSG-2027B-CIB020H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSG-6037B-CIB032 ETC2-SSG-6037B-CIB032 Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz processors per node
logo
Advantech Co., Ltd.
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
logo
Adlink Technology Inc.
IMB-S90 ADLINK-IMB-S90 Datasheet
228Kb / 1P
   Extended ATX Server Board with Dual Intel Xeon Processors E5
logo
List of Unclassifed Man...
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
   4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
   Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
Advantech Co., Ltd.
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com