전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1155 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc

부품명 SM1155
상세설명  Melody LSIs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1155 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SM1155 series
NIPPON PRECISION CIRCUITS—4
One-shot (SM1155
×××3S)
When TG goes HIGH, a single melody play starts. Melody play continues until the melody ends, even if TG
goes open circuit or LOW mid melody. However, if the TG input goes HIGH again during melody play, the
melody play restarts from the beginning.
1 TUNE
Oscillator
OUT
TG
1M
270k
Pull-down resistance
270k
1M
270k
1 TUNE
1M
Ω 1MΩ
270k
Ω 270kΩ
From the begining


유사한 부품 번호 - SM1155

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM115.SA ETC2-SM115.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
SeCoS Halbleitertechnol...
SM1150A SECOS-SM1150A Datasheet
210Kb / 2P
   1.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM1150A GWSEMI-SM1150A Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM1150A AITSEMI-SM1150A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1150A AITSEMI-SM1150A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results

유사한 설명 - SM1155

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Panasonic Semiconductor
MN1380 PANASONIC-MN1380 Datasheet
157Kb / 20P
   CMOS LSIs for Voltage Detection
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com