전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC6082 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SC6082
상세설명  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6082 데이터시트(HTML) 3 Page - ON Semiconductor

  2SC6082 Datasheet HTML 1Page - ON Semiconductor 2SC6082 Datasheet HTML 2Page - ON Semiconductor 2SC6082 Datasheet HTML 3Page - ON Semiconductor 2SC6082 Datasheet HTML 4Page - ON Semiconductor 2SC6082 Datasheet HTML 5Page - ON Semiconductor 2SC6082 Datasheet HTML 6Page - ON Semiconductor 2SC6082 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC6082
No. A0279-3/7
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
15
10
11
12
13
14
8
6
2
4
9
7
3
5
1
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT10574
10
8
6
2
4
9
7
3
5
1
0
0.2
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT10575
10mA
15mA
50mA
IB=0mA
5mA
30mA
20mA
40mA
10mA
20mA
40mA
50mA
60mA
IB=0mA
30mA
70mA
80mA
90mA
From a top
300mA
250mA
200mA
180mA
150mA
120mA
100mA
Ta=75
°C
25
°C
--25°C
100
7
5
3
2
2
1000
7
5
3
10
0.01
3
25
0.1
72 3
5
1.0
72
VCE=2V
32 3
5
10
7
V
CE
=2.0V
0.01
3
25
0.1
72 3
5
1.0
72
Ta=25
°C
32 3
5
10
7
0.01
3
25
0.1
73
25 7
2
3
1.0
57 10
0.1
3
25
1.0
72
3
5
10
72
3
5 7
fT -- IC
VCE=10V
f=1MHz
100
7
5
3
2
2
1000
7
5
3
10
100
7
5
3
2
2
1000
7
5
3
10
100
7
5
3
2
2
1000
7
5
3
10
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Cob -- VCB
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
16
14
10
12
8
4
6
2
0
VCE=2V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT10576
IT10577
IT10578
IT10581
IT10580
0.01
3
25
0.1
72 3
5
1.0
72 3
2 3
5
10
7
0.1
0.01
5
7
7
5
3
2
7
5
3
2
IT10579
IC / IB=20
Ta=75
°C
--25
°C
25°
C


유사한 부품 번호 - 2SC6082

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
   50V / 15A High-Speed Switching Applications
logo
Inchange Semiconductor ...
2SC6082 ISC-2SC6082 Datasheet
275Kb / 2P
   isc Silicon NPN Power Transistor
More results

유사한 설명 - 2SC6082

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com