전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1835T-AA 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SD1835T-AA
상세설명  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1835T-AA 데이터시트(HTML) 3 Page - ON Semiconductor

  2SD1835T-AA Datasheet HTML 1Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 2Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 3Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 4Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 5Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 6Page - ON Semiconductor 2SD1835T-AA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SD1835
No.2158-3/7
Ambient Temperature, Ta --
°C
PC -- Ta
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- A
hFE -- IC
fT -- IC
Collector Current, IC -- mA
Collector Current, IC -- A
VCE(sat) -- IC
Collector-to-Emitter Voltage, VCE -- V
A S O
VBE(sat) -- IC
Collector Current, IC -- A
ITR09367
0.01
3
23
5
0.1
1.0
5
77
7
23
2
7
100
1000
5
3
2
7
5
3
2
VCE=2V
VCE=10V
1.0
10
2
23
3
57
100
57
10
7
100
5
7
5
3
2
ITR09371
ITR09365
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
2.0
2.4
VCE=2V
f=1MHz
3
10
7
100
5
23
7 1000
5
23
2
7
100
5
2
10
2
3
7
1000
5
3
ITR09369
Ta=75
°C
25
°C
--25
°C
ITR09373
5
0.1
2
0.01
23
35
7
7
7
1.0
23
100
1000
5
3
5
3
3
5
7
7
2
10
2
2
IC / IB=20
Ta=75°C
25°C
--25°C
ITR09375
5
77
7
0.1
2
0.01
23
5
1.0
32
3
1.0
5
7
7
3
2
10
5
3
IC / IB=20
Ta= --25°C
25°C
75
°C
0
20
40
60
80
100
120
140
160
0
200
400
800
750
1000
600
ITR09377
ITR09376
1.0
3
5
5
5
7
7
7
2
2
3
2
2
3
3
55
7
7
7
3
5
10
100
0.1
5
3
2
1.0
0.01
ICP=3A
IC =2A
DC
operation
Ta=25
°C
Single pulse


유사한 부품 번호 - 2SD1835T-AA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1835T-AA ONSEMI-2SD1835T-AA Datasheet
387Kb / 7P
   Bipolar Transistor
September, 2013
More results

유사한 설명 - 2SD1835T-AA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com