전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC786800E 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 LC786800E
상세설명  Compressed Audio signal Processor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786800E 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button LC786800E Datasheet HTML 2Page - ON Semiconductor LC786800E Datasheet HTML 3Page - ON Semiconductor LC786800E Datasheet HTML 4Page - ON Semiconductor LC786800E Datasheet HTML 5Page - ON Semiconductor LC786800E Datasheet HTML 6Page - ON Semiconductor LC786800E Datasheet HTML 7Page - ON Semiconductor LC786800E Datasheet HTML 8Page - ON Semiconductor LC786800E Datasheet HTML 9Page - ON Semiconductor LC786800E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LC786800E
No.A2082-6/26
Electrical Characteristics at Ta = -40 to +85
C, VDD1 = 3.0V to 3.6V, DVSS = AVSS1 = AVSS2 = XVSS = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Current drain
IDD1
DVDD, AVDD1, AVDD2,
XVDD, VVDD2, VVDD3
85
135
mA
High-level input current
IIH(1)
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP13, GP14,
JTMS, JTRSTB, JTCK, JTDI
Schmitt,
VIN = 5.50V
Built-in
Pull-down
resistor OFF
10.00
A
IIH(2)
GP30, GP31, GP32, GP33,
GP34, GP35, GP36, GP37,
GP40, GP41, GP42, GP43,
GP44, GP45, GP46, GP47,
GP50, GP51, GP52, GP53
Schmitt,
VIN = VDD1
Built-in
Pull-down
resistor OFF
10.00
A
Low-level input current
IIL(1)
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP13, GP14,
GP30, GP31, GP32, GP33,
GP34, GP35, GP36, GP37,
GP40, GP41, GP42, GP43,
GP44, GP45, GP46, GP47,
GP50, GP51, GP52, GP53,
JTMS, JTRSTB, JTCK, JTDI,
TEST0, TEST1
Schmitt,
VIN = 0V
-10.00
A
High-level output voltage
VOH(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP14, GP30,
GP31, GP32, GP33, GP34,
GP35, GP36, GP37, GP40,
GP41, GP42, GP43, GP44,
GP45, GP46, GP47, GP50,
GP51, GP52, GP53
CMOS,
IOH = -2mA
VDD1-0.6
V
VOH(2)
SIFDI, SIFDO, SIFCE, BUSYB,
GP03, GP10, GP11,
JTDO, JTRTCK
CMOS,
IOH = -4mA
VDD1-0.6
V
Low-level output voltage
VOL(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP14, GP30,
GP31, GP32, GP33, GP34,
GP35, GP36, GP37, GP40,
GP41, GP42, GP43, GP44,
GP45, GP46, GP47, GP50,
GP51, GP52, GP53
CMOS,
IOL = 2mA
0.40
V
VOL(2)
SIFDI, SIFDO, SIFCE, BUSYB,
GP03, GP10, GP11,
JTDO, JTRTCK
CMOS,
IOL = 4mA
0.40
V
Built-in Pull down resistor
RPD
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP13, GP14, GP30, GP31,
GP32, GP33, GP34, GP35,
GP36, GP37, GP40, GP41,
GP42, GP43, GP44, GP45,
GP46, GP47, GP50, GP51,
GP52, GP53
50
100
200
k
Output off-leakage current
IOFF(1)
AFILT
Hi-Z Out
-10.00
10.00
A
IOFF(2)
SIFDO
Hi-Z Out
-10.00
10.00
A
Charge pump output current
IAFILH
AFILT
15.0
A
IAFILL
AFILT
15.0
A
<Note>
 Put a internal pull down resistor or external pull down resistor or external pull up resistor to the SIFDO pin if its
output condition is set to 3-State mode.


유사한 부품 번호 - LC786800E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
More results

유사한 설명 - LC786800E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com