전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS3845GDR14 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 CS3845GDR14
상세설명  Current Mode PWM Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845GDR14 데이터시트(HTML) 2 Page - ON Semiconductor

  CS3845GDR14 Datasheet HTML 1Page - ON Semiconductor CS3845GDR14 Datasheet HTML 2Page - ON Semiconductor CS3845GDR14 Datasheet HTML 3Page - ON Semiconductor CS3845GDR14 Datasheet HTML 4Page - ON Semiconductor CS3845GDR14 Datasheet HTML 5Page - ON Semiconductor CS3845GDR14 Datasheet HTML 6Page - ON Semiconductor CS3845GDR14 Datasheet HTML 7Page - ON Semiconductor CS3845GDR14 Datasheet HTML 8Page - ON Semiconductor CS3845GDR14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
2
PIN CONNECTIONS
GND
OSC
VOUT
Sense
VCC
VFB
VREF
COMP
1
Pwr GND
OSC
GND
NC
VOUT
Sense
VCC Pwr
NC
114
VCC
VFB
NC
NC
VREF
COMP
8
NC
NC
1
16
Pwr GND
NC
GND
OSC
VOUT
Sense
VCC Pwr
VFB
VCC
COMP
VREF
NC
NC
NC
DIP–8 & SO–8
SO–14
SO–16L
Figure 1. Block Diagram
Set/
Reset
5.0 V
Reference
VCC Undervoltage Lockout
16 V/10 V
(8.4 V/7.6 V)
34 V
VCC
GND
Internal
Bias
Oscillator
OSC
2.50 V
VCC Pwr
VREF
VOUT
VFB
COMP
Error
Amplifier
S
R
2R
R
1.0 V
Sense
Current
Sensing
Comparator
PWM
Latch
Pwr GND
( ) Indicates CS2845/3845
NOR
VREF
Undervoltage
Lockout
R
R
Toggle
Flip–Flop


유사한 부품 번호 - CS3845GDR14

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS3845GDR14 CHERRY-CS3845GDR14 Datasheet
156Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results

유사한 설명 - CS3845GDR14

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com