전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7784 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LA7784
상세설명  Downconverter IC for Digital CATV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA7784 데이터시트(HTML) 1 Page - ON Semiconductor

  LA7784 Datasheet HTML 1Page - ON Semiconductor LA7784 Datasheet HTML 2Page - ON Semiconductor LA7784 Datasheet HTML 3Page - ON Semiconductor LA7784 Datasheet HTML 4Page - ON Semiconductor LA7784 Datasheet HTML 5Page - ON Semiconductor LA7784 Datasheet HTML 6Page - ON Semiconductor LA7784 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
92706 / O2505 MS OT B8-6337 No.8386-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA7784
Overview
The LA7784 is a downconverter IC for digital CATV. It accepts RF input frequencies from 50 to 150MHz and supports
the DOCSIS (USA) and Euro-DOCSIS (Europe) standards.
Features
• RF Mixer.
• Attenuation control for RF Mixer.
• Driver for SAW filter.
• IF AGC amplifier.
• IF Driver amplifier for ADC.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 8, 14, 19, 20, 21, 22, 26, 27
6.0
V
Circuit voltages
V max
Pin 9
VCC
V
Circuit current
I12, 13
Pin 12, 13 sink current
2
V
Allowable power dissipation
P
d max
Ta
≤70°C
900*
mA
Operating temperature range
T
opr
-20 to +70
mW
Storage temperature range
T
stg
-55 to +150
°C
* On the board (114.3
×76.1×1.6mm)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pin 8, 14, 19, 20, 21, 22, 26, 27
5.0
V
Operating supply voltage range
VCC op
Pin 8, 14, 19, 20, 21, 22, 26, 27
4.5 to 5.5
V
Ordering number : ENN8386
Monolithic Linear IC
Downconverter IC
for Digital CATV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


유사한 부품 번호 - LA7784

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
More results

유사한 설명 - LA7784

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
logo
Sanyo Semicon Device
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
ANADIGICS, Inc
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com