전자부품 데이터시트 검색엔진 |
|
SM5021BBH 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5021BBH 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 11 page SM5021 series NIPPON PRECISION CIRCUITS—5 Electrical Characteristics 3 V operation: AA, AB, AC, AD, AE series/ KD, KE series VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 2.7 V, IOH = 4 mA SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D 2.1 2.4 – V Q: Measurement cct 1, VDD = 2.7 V, IOH = 8 mA SM5021 ×EH, CF5021×E LOW-level output voltage VOL Q: Measurement cct 2, VDD = 2.7 V, IOL = 4 mA SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D – 0.3 0.4 V Q: Measurement cct 2, VDD = 2.7 V, IOL = 8 mA SM5021 ×EH, CF5021×E Output leakage current IZ Q: Measurement cct 2, VDD = 3.3 V, INH = LOW, VOH = VDD –– 10 µA Q: Measurement cct 2, VDD = 3.3 V, INH = LOW, VOL = VSS –– 10 HIGH-level input voltage VIH INH 2.0 – – V LOW-level input voltage VIL INH – – 0.5 V Current consumption IDD INH = open, Measurement cct 3, load cct 1, CL = 15 pF, 70 MHz crystal oscillator SM5021A ×H, CF5021A× SM5021K ×H, CF5021K× –13 25 mA INH pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Feedback resistance (A × series only) Rf Measurement cct 5 SM5021 ×AH, CF5021×A 5.1 6.0 6.9 k Ω SM5021 ×BH, CF5021×B 2.8 3.3 3.8 SM5021 ×CH, CF5021×C 3.3 3.9 4.5 SM5021 ×DH, CF5021×D SM5021 ×EH, CF5021×E 2.3 2.7 3.1 Built-in capacitance CG Design value, determined by the internal wafer pattern 7.44 8 8.56 pF CD Design value, determined by the internal wafer pattern SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D 13.95 15 16.05 pF SM5021 ×EH, CF5021×E 11.16 12 12.84 |
유사한 부품 번호 - SM5021BBH |
|
유사한 설명 - SM5021BBH |