전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10-SI-NF 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 ST10-SI-NF
상세설명  DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-SI-NF 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  ST10-SI-NF Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-SI-NF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
This stepper drive with model number ending in -NF is designed to accept encoder feedback. Be sure to order a
compatible stepper motor with the encoder option (i.e. -WAA, -ZAA, or -YAA).
The ST10-Si-NF stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-Si-NF can operate in all of the same control modes as the Q models, plus it has the ability to run a
stand-alone Si program stored in non-volatile memory. Si programs are created using the Si Programmer™
software, which provides unparalleled simplicity in indexer-drive programming via Applied Motion’s unique and
powerful icon-based programming environment. Preconfigured motor setup files included with Si Programmer™
make it easy to set up the drive for optimum results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
The drive comes with an RS-232 port for configuration, serial communications and programming.
The ST10-Si-NF includes a quadrature encoder feedback input for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
The ST10-Si-NF also features a separate, buffered encoder output so that other devices can monitor the motor
position in real time.
All ST drives are CE approved and RoHS compliant.
Description


유사한 부품 번호 - ST10-SI-NF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST10-SI-NE ETC2-ST10-SI-NE Datasheet
1Mb / 9P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input
ST10-SI-NN ETC2-ST10-SI-NN Datasheet
1Mb / 8P
   DC Advanced Microstep Drive w/ Si Programming
More results

유사한 설명 - ST10-SI-NF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST5-SI-NF ETC2-ST5-SI-NF Datasheet
587Kb / 8P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
ST10-SI-NE ETC2-ST10-SI-NE Datasheet
1Mb / 9P
   DC Advanced Microstep Drive w/ Si Programming & Encoder Input
1240I-485 ETC2-1240I-485 Datasheet
194Kb / 3P
   DC Microstep Drive w/ Si Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC6-SI-220 ETC2-STAC6-SI-220 Datasheet
356Kb / 6P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
ST10-Q-NF ETC2-ST10-Q-NF Datasheet
919Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input/Output
ST5-Q-NF ETC2-ST5-Q-NF Datasheet
591Kb / 8P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input/Output
ST10-Q-NE ETC2-ST10-Q-NE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-NE ETC2-ST5-Q-NE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-SI-NN ETC2-ST5-SI-NN Datasheet
688Kb / 7P
   DC Advanced Microstep Drive w/ Si Programming
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com