전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAC5-S-E120 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 STAC5-S-E120
상세설명  AC Advanced Microstep Drive w/ Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-S-E120 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC5-S-E120 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-S-E120 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Datasheet
www.Applied-Motion.com
STAC5-S-E120
AC Advanced Microstep Drive w/ Encoder Input
1pc. - 471.00
50pc. - 353.25
Product Features
Microstepping digital step motor driver in compact
package
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping to 51,200 steps/rev
Operates from 120 VAC
Provides motor current up to 5 A/phase (peak of
sine) with idle current reduction
Fast 10/100 Ethernet for programming and
communications
Three pulse-based control modes: step & direction,
A/B quadrature, CW/CCW pulse
Velocity (oscillator) control mode with sophisticated
joystick operation
Streaming serial command mode (SCL) for
commands sent from a host controller
UDP & TCP support
4 digital inputs, 2 digital outputs, all optically
isolated
1 analog input, +/-10 volt range
Encoder feedback provides stall detection and stall
prevention when used with a motor-mounted
incremental encoder
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544


유사한 부품 번호 - STAC5-S-E120

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
More results

유사한 설명 - STAC5-S-E120

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STAC5-S-E220 ETC2-STAC5-S-E220 Datasheet
845Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-S-220 ETC2-STAC6-S-220 Datasheet
356Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
STAC6-C-220 ETC2-STAC6-C-220 Datasheet
368Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC6-C ETC2-STAC6-C Datasheet
488Kb / 7P
   AC CANopen Advanced Microstep Drive w/ Encoder Input
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC6-SI-220 ETC2-STAC6-SI-220 Datasheet
356Kb / 6P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com