전자부품 데이터시트 검색엔진 |
|
SM5158A 데이터시트(PDF) 1 Page - Nippon Precision Circuits Inc |
|
SM5158A 데이터시트(HTML) 1 Page - Nippon Precision Circuits Inc |
1 / 7 page SM5158A Serial input PLL frequency synthesizer NIPPON PRECISION CIRCUITS-1 NIPPON PRECISION CIRCUITS INC. OVERVIEW The SM5158A is a serial data programma- ble PLL Frequency Synthesizer LSI fabricated in NPC's proprietary Molybdenum-gate CMOS technology. Ratios of reference frequency divider and input frequency divider can be independently set. FEATURES - Up to 200MHz input frequency (VDD=4.5V) - Up to 35MHz reference frequency (VDD=4.5V) - 5 to 65535 programmable reference frequency divider ratio - 1056 to 65535 programmable input frequency divider ratio - Lock detector - Either Active or Passive filter can be externally used. - 16-pin plastic DIP and 16-pin S-SOP - Molybdenum gate CMOS structure PIN OUT 16-pin SSOP 16-pin DIP OR OV TEST FR DOA LE DATA CLK XIN XOUT FV VDD DOP VSS LD FIN 1 8 9 16 OR OV TEST FR DOA LE DATA CLK XIN XOUT FV VDD DOP VSS LD FIN 1 8 9 16 |
유사한 부품 번호 - SM5158A |
|
유사한 설명 - SM5158A |