전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS3P3L 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SS3P3L
상세설명  High Current Density Surface Mount Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3P3L 데이터시트(HTML) 3 Page - Vishay Siliconix

  SS3P3L_15 Datasheet HTML 1Page - Vishay Siliconix SS3P3L_15 Datasheet HTML 2Page - Vishay Siliconix SS3P3L_15 Datasheet HTML 3Page - Vishay Siliconix SS3P3L_15 Datasheet HTML 4Page - Vishay Siliconix SS3P3L_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS3P3L, SS3P4L
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-14
3
Document Number: 88986
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
3.0
2.5
2.0
1.5
1.0
0.5
0
80
90
100
110
120
130
140
150
Resistive or Inductive Load
Lead Temperature (°C)
T
L measured
at the Cathode Band Terminal
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.001
0.01
0.1
1
10
100
1000
10
30
40
60
80
20
50
70
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
1000
0.1
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)


유사한 부품 번호 - SS3P3L_15

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SS3P3L VISHAY-SS3P3L_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results

유사한 설명 - SS3P3L_15

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
   High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P3 VISHAY-SS5P3 Datasheet
105Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 22-Nov-07
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS8P2L VISHAY-SS8P2L Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com