전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA130A 데이터시트(PDF) 5 Page - Microsemi Corporation

부품명 SA130A
상세설명  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA130A 데이터시트(HTML) 5 Page - Microsemi Corporation

  SA130A Datasheet HTML 1Page - Microsemi Corporation SA130A Datasheet HTML 2Page - Microsemi Corporation SA130A Datasheet HTML 3Page - Microsemi Corporation SA130A Datasheet HTML 4Page - Microsemi Corporation SA130A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
10000
1000
100
10
MEASURED AT
ZERO BIAS
MEASURED AT
STANDOFF
VOLTAGE
10
0
100
1000
V
(BR)
- BREAKDOWN VOLTAGE - VOLTS
FIGURE 3
TYPICAL CAPACITANCE VS
BREAKDOWN VOLTAGE
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.1
1.0
10
100
10000
0.2
0.5
2.0
5.0
20
50
200
1000
T
C = 25ºC
tw - Pulse Width µs
FIGURE 4
PEAK PULSE POWER VS. PULSE TIME
20
30
50
70
CURRENT WAVE FORM
t
w
t
p
t
w
SQUARE
HALF
SINE
t
w = .7tP
t
w
0.5
1.0
IMPULSE
EXPONENTIAL
DECAY
Ipp
Ipp
Ipp


유사한 부품 번호 - SA130A

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
SA130A LUGUANG-SA130A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA130A MOTOROLA-SA130A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA130A PANJIT-SA130A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Taiwan Semiconductor Co...
SA130A TSC-SA130A Datasheet
105Kb / 5P
   Transient Voltage Suppressor Diodes
logo
StarHope
SA130A SPSEMI-SA130A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results

유사한 설명 - SA130A

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Central Semiconductor C...
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com