전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5307GDW24 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 CS5307GDW24
상세설명  Four?뭁hase VRM 9.0 Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDW24 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button CS5307GDW24 Datasheet HTML 3Page - ON Semiconductor CS5307GDW24 Datasheet HTML 4Page - ON Semiconductor CS5307GDW24 Datasheet HTML 5Page - ON Semiconductor CS5307GDW24 Datasheet HTML 6Page - ON Semiconductor CS5307GDW24 Datasheet HTML 7Page - ON Semiconductor CS5307GDW24 Datasheet HTML 8Page - ON Semiconductor CS5307GDW24 Datasheet HTML 9Page - ON Semiconductor CS5307GDW24 Datasheet HTML 10Page - ON Semiconductor CS5307GDW24 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CS5307
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Current Sense Amplifiers
OCSET Input Bias Current
OCSET = 0 V
0.1
1.0
μA
Current Sense Input to OCSET
Gain
OCSET/(CSx−CSREF), 0.25 V <
OCSET < 0.6 V, GATEx not
switching
2.5
2.8
3.1
V/V
Current Limit Filter Slew Rate
CSREF = 1.1 V, CSx = 1.0 V, pulse
CSx to 1.16 V, Note 5.
2.0
5.0
13
mV/μs
General Electrical Specification
VCC Operating Current
COMP = 0.3 V (no switching)
20
30
mA
UVLO Start Threshold
SS Charging Gates Switching
8.5
9.0
9.5
V
UVLO Stop Threshold
Gates not switching, SS & COMP
discharging
7.5
8.0
8.5
V
UVLO Hysteresis
Start−Stop
0.8
1.0
1.2
V
5. Guaranteed by design. Not tested in production.
PACKAGE PIN DESCRIPTION
Pin Number
Pin Symbol
Pin Name
Function
1
GND
Ground
IC power supply return. Connected to IC substrate.
2
OCSET
Overcurrent Set
Resistor divider from ROSC to GND. Programs the threshold of the hiccup
overcurrent protection.
3
ROSC
Oscillator Frequency
Adjust
ROSC is a regulated 1.0 V output and programs the oscillator frequency
with a resistor to GND.
4−7
CS1−CS4
Current Sense Inputs
Non−inverting inputs to the current sense amplifiers.
8
CSREF
Current Sense Reference
Inverting input to the current sense amplifiers and reference for Power Good.
9
VDRP
Current Sense Amp
Output
Programs the voltage drop due to loading. A resistor from VDRP to FB
programs the amount of Adaptive Voltage Positioning. Omitting this
resistor defeats the AVP function.
10
VFB
Voltage Feedback
Error Amplifier inverting input. Input bias current is used to program AVP
light load offset via a resistor connected to the converter output voltage.
11
COMP
Error Amp Output and
PWM Comparator Input
Provides loop compensation and is clamped by SS.
12
SS
Soft Start
Controls fault timing and startup.
13
PWRGD
Power Good Output
Open collector output, which is “low” when the converter output is out of
regulation.
14
PWRGDS
Power Good Sense
A resistor divider from VOUT to GND programs the Power Good lower
threshold.
15−19
VID4−VID0
DAC VID Inputs
TTL−compatible logic input used to program the converter output voltage.
Internal 50 kΩ pull−ups to 3.3 V via a blocking diode are provided. All high
generates fault.
20−23
GATE4−1
Channel Outputs
PWM outputs to drive FET driver IC.
24
VCC
Supply Input
IC bias input.


유사한 부품 번호 - CS5307GDW24

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

유사한 설명 - CS5307GDW24

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
logo
List of Unclassifed Man...
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
logo
ON Semiconductor
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
   Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
   2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com