전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5006AHDS 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM5006AHDS
상세설명  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AHDS 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5006AHDS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—3
PAD LAYOUT
(Unit:
µm)
PINOUT
(Top view)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size: 0.92
× 1.31 mm
Chip thickness: 300 ± 30 µm
Chip base: V DD level
Q
VDD
XT
VSS
(0,0)
(920,1310)
X
Y
INH
XT
1
XT
VSS
Q
VDD
4
2
3
NC
NC
8
7
6
5
XT
INH
Number
Name
I/O
Description
P ad dimensions [µm]
XY
1I N H
I
Output state control input. High impedance when LOW . Pull-up resistor built in
1 9 5
2 1 2
2
X T
I
Amplifier input.
Cr ystal oscillator connection pins.
Cr ystal oscillator connected between XT and X T
385
212
3X T
O
Amplifier output.
5 7 5
2 1 2
4
V S S
G round
766
212
5
Q
O
Output. Output frequency (fO )
765
1152
6
N C
No connection
7
N C
No connection
8
V D D
Supply voltage
1 6 2
1152
XT
VSS
VDD
Q
CG
CD
Rf
XT
INH
RG
RD


유사한 부품 번호 - SM5006AHDS

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006AHDS NPC-SM5006AHDS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5006AHDS

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com