전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BL060-H03-H 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 BL060-H03-H
부품 상세설명  57mm Brushless DC Motor, 60W, 24V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BL060-H03-H 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  BL060-H03-H Datasheet HTML 1Page - List of Unclassifed Manufacturers BL060-H03-H Datasheet HTML 2Page - List of Unclassifed Manufacturers BL060-H03-H Datasheet HTML 3Page - List of Unclassifed Manufacturers BL060-H03-H Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H2-AH brushless DC drive this motor provides excellent performance over a wide speed range.
Part Number:
BL060-H03-H
Rated Torque:
1.28 in-lb
Peak Torque:
2.56 in-lb
Rated Power:
60 watts
Rated Voltage:
24 volts
Rated Speed:
4000 rpm
Peak Speed:
5000 rpm
Rated Current:
3.2 A rms
Peak Current:
6.4 A rms
Torque Constant:
0.37 in-lb/A
Voltage Constant:
3.08 V/krpm
Armature Resistance:
0.48 ohms
Armature Inductance:
0.45 mH
Motor Length:
2.15 inch
Rotor Inertia:
2.09E-03 oz-in-sec
Weight:
1.41 lbs
Storage Temperature:
-20 to 70 °C
Operating Temperature:
0 to 40 °C
Insulation Class:
Class E (120 ºC)
Specifications
2
Torque Curves


유사한 부품 번호 - BL060-H03-H

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
BL060-H03-G ETC2-BL060-H03-G Datasheet
224Kb / 4P
   42mm Brushless DC Motor, 60W
Applied Motion Products, Inc.
Applied Motion Products...
BL060-H03-G AMP-BL060-H03-G Datasheet
1Mb / 8P
   BLDC Motors & Drives
List of Unclassifed Manufacturers
List of Unclassifed Man...
BL060-H03-GP005 ETC2-BL060-H03-GP005 Datasheet
161Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 5:1 ratio
BL060-H03-GP014 ETC2-BL060-H03-GP014 Datasheet
175Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 14:1 ratio
BL060-H03-GP019 ETC2-BL060-H03-GP019 Datasheet
176Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 19:1 ratio
More results

유사한 설명 - BL060-H03-H

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
BD5-H2-AH ETC2-BD5-H2-AH Datasheet
302Kb / 4P
   Brushless DC Drive for 57mm 60W 24V motor
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
   57mm Brushless DC Motor, 120W, 24V
BD10-H4-AH ETC2-BD10-H4-AH Datasheet
307Kb / 4P
   Brushless DC Drive for 57mm 120W 24V motor
BL180-H04-H ETC2-BL180-H04-H Datasheet
199Kb / 4P
   57mm Brushless DC Motor, 180W, 48V
BL060-H03-G ETC2-BL060-H03-G Datasheet
224Kb / 4P
   42mm Brushless DC Motor, 60W
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
BD10-H5-AH ETC2-BD10-H5-AH Datasheet
303Kb / 4P
   Brushless DC Drive for 57mm 180W 48V motor
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
Microchip Technology
Microchip Technology
AC300022 MICROCHIP-AC300022 Datasheet
118Kb / 1P
   24V 3-Phase Brushless DC Motor with Encoder
14-Nov-2011
List of Unclassifed Manufacturers
List of Unclassifed Man...
BD5-I6-AH ETC2-BD5-I6-AH Datasheet
301Kb / 4P
   Brushless DC Drive for 100W 80mm 24V motor
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com