전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS32 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 LS32
상세설명  Surface Mount Schottky Rectifier Reverse Voltage 20~50V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS32 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  LS32_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS32_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS32_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS32_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LS32 thru LS35
Surface Mount Schottky Rectifier
Reverse Voltage 20~50V Forward Current 3A
www.goodark.com
4/4
2014.8-Rev.B
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer ’s application; they do not convey any
license under any intellectual property rights or any other rights belonging to Suzhou Good
license under any intellectual propertyrights, or any other rights, belonging to Suzhou Good-
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party ’ s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of these
materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice
due to product improvements or other reasons. It is therefore recommended that customers
contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics
Co., Ltd. for the latest product information before purchasing a product listed herein. The
if
ti
dib d h
ti th il ii
thi
l
Sh
information described here may contain technical inaccuracies or typographical errors. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other
loss rising from these inaccuracies or errors. Please also pay attention to information
published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including our website
home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and products.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or
other loss resulting from the information contained herein.
f S
G
C
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2014.8-Rev.B


유사한 부품 번호 - LS32_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LS32-1500 ETC2-LS32-1500 Datasheet
283Kb / 4P
   Compact Flow Meter for Low Flow Rates
More results

유사한 설명 - LS32_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
FSL32 GOOD-ARK-FSL32_15 Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
FS32A GOOD-ARK-FS32A_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
SGC0320S GOOD-ARK-SGC0320S_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~65V Forward Current 3A
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com