전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5661EDWR16 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CS5661EDWR16
상세설명  High Performance Dual Channel Current Mode Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5661EDWR16 데이터시트(HTML) 1 Page - ON Semiconductor

  CS5661EDWR16 Datasheet HTML 1Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 2Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 3Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 4Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 5Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 6Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 7Page - ON Semiconductor CS5661EDWR16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Oscillator has Precise
Duty Cycle
Limit and Frequency
Control
s
500kHz Current Mode
Operation
s
Automatic Feed Forward
Compensation
s
Separate Latching PWMs
for Cycle-By-Cycle
Current Limiting
s
Internally Trimmed
Reference with
Undervoltage Lockout
s
Switchable Second
Output
s
Two High Current Totem
Pole Outputs
s
Input Undervoltage
Lockout with Hysteresis
s
8.4V Start Up Voltage
Threshold
Package Options
16 Lead SO Wide
High Performance Dual Channel
Current Mode Controller with ENABLE
1
SYNC
2
3
4
5
6
7
8
CT
RT
VFB
1
COMP1
SENSE1
VOUT
1
Gnd
16
15
14
13
12
11
10
9
VCC
VREF
ENABLE2
VFB
2
COMP2
SENSE2
VOUT
2
Pwr Gnd
CS5661
Description
Block Diagram
December, 2001 - Rev. 3
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS5661 is a high performance,
fixed frequency, dual current mode
controller specifically designed for
Off-Line and DC to DC converter
applications. It offers the designer a
cost effective solution with minimal
external components. This integrat-
ed circuit features a unique oscilla-
tor for precise duty cycle limit and
frequency control, a temperature
compensated reference, two high
gain error amplifiers, two current
sensing comparators, and two high
current totem pole outputs ideally
suited for driving power MOSFETs.
VOUT2 output is switchable via the
ENABLE2 pin.
Also included are protective fea-
tures consisting of input and refer-
ence undervoltage lockouts, each
with hysteresis, cycle-by-cycle cur-
rent limiting, and a latch for single
pulse metering of each output.
The CS5661 is pin compatible with
the MC34065L.
+
-
+
-
VREF
SYNC
Oscillator
Error
Amp 1
Error
Amp 2
Latching
PWM 2
Latching
PWM 1
VREF
Undervoltage
Lockout
5.0V Ref
VCC
Undervoltage
Lockout
VCC
VFB
1
COMP1
ENABLE2
VFB
2
COMP2
CT
RT
Gnd
Pwr Gnd
Sense2
VOUT
2
Sense1
VOUT
1


유사한 부품 번호 - CS5661EDWR16

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5661EDWR16 CHERRY-CS5661EDWR16 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
More results

유사한 설명 - CS5661EDWR16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34065 ONSEMI-MC34065 Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS3865C CHERRY-CS3865C Datasheet
171Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com