전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11660FV-W-AH 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LB11660FV-W-AH
상세설명  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660FV-W-AH 데이터시트(HTML) 3 Page - ON Semiconductor

  LB11660FV-W-AH Datasheet HTML 1Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 2Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 3Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 4Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 5Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 6Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 7Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 8Page - ON Semiconductor LB11660FV-W-AH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LB11660FV
www.onsemi.com
3
Electrical Characteristics Unless otherwise specified Ta
 25C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
Drive mode
9
12
mA
HB voltage
VHB
IHB = 5mA
1.05
1.25
1.40
V
6VREG voltage
V6VREG
6VREG = 5mA
5.80
6
6.20
V
CT pin high-level voltage
VCTH
3.4
3.6
3.8
V
CT pin low-level voltage
VCTL
1.4
1.6
1.8
V
ICT pin charge current 1
ICTC1
VCC = 12V
1.7
2.2
2.7
A
ICT pin charge current 2
ICTC2
VCC = 6V
1.3
1.8
2.3
A
ICT pin discharge current 1
ICTD1
VCC = 12V
0.11
0.15
0.19
A
ICT pin discharge current 2
ICTD2
VCC = 6V
0.34
0.44
0.54
A
ICT charge/discharge current
ratio 1
RCT1
VCC = 12V
12
15
18
Times
ICT charge/discharge current
ratio 2
RCT2
VCC = 6V
3
4
5
Times
ICT charge/discharge ratio
threshold voltage
VRCT
6
6.6
7.3
V
VTH bias current
IBVTH
2
1
0
A
OUT output high saturation
voltage
VOH
IO = 200mA, RL = 1
0.6
0.8
V
PRE output low saturation
voltage
VPL
IO = 5mA
0.2
0.4
V
PRE output high saturation
voltage
VPH
IO = 20mA
0.9
1.2
V
Current limiter
VRf
VCC  VM
450
500
550
mV
PWM output pin high-level
voltage
VPWMH
2.2
2.5
2.8
V
PWM output pin low-level
voltage
VPWML
0.4
0.5
0.7
V
PWM external C charge current
IPWM1
23
18
14
A
PWM external C discharge
current
IPWM2
18
24
30
A
PWM oscillator frequency
FPWM
C = 200pF
19
23
27
kHz
Hall sensor input sensitivity
VHN
Zero peak value (including offset and
hysteresis)
15
25
mV
FG output pin low-level voltage
VFG/RD
IFG/RD = 5mA
0.2
0.3
V
FG output pin leakage current
IFGL/IRDL
VFG/RD = 7V
30
A
Thermal protection circuit
THD
Design target value*3
150
180
210
C
*3: This is a design guarantee and is not tested in individual units. The thermal protection circuit is included to prevent any thermal damage to the IC. Since this
would imply operation outside the IC's guaranteed temperature range, the application thermal design must be such that the thermal protection circuit will
not operate if the fan is operating constantly.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


유사한 부품 번호 - LB11660FV-W-AH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11660FV SANYO-LB11660FV Datasheet
111Kb / 8P
   Single-Phase Full-Wave Fan Motor Driver
More results

유사한 설명 - LB11660FV-W-AH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11660RV ONSEMI-LB11660RV Datasheet
118Kb / 9P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com