전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS5223 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 SLAS5223
상세설명  Ultra-Low Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SLAS5223 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button SLAS5223 Datasheet HTML 2Page - ON Semiconductor SLAS5223 Datasheet HTML 3Page - ON Semiconductor SLAS5223 Datasheet HTML 4Page - ON Semiconductor SLAS5223 Datasheet HTML 5Page - ON Semiconductor SLAS5223 Datasheet HTML 6Page - ON Semiconductor SLAS5223 Datasheet HTML 7Page - ON Semiconductor SLAS5223 Datasheet HTML 8Page - ON Semiconductor SLAS5223 Datasheet HTML 9Page - ON Semiconductor SLAS5223 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SLAS5223
http://onsemi.com
6
Figure 2. tBBM (Time Break−Before−Make)
Output
DUT
50 W
35 pF
VCC
Switch Select Pin
90%
Output
Input
VCC
GND
90% of VOH
GND
Figure 3. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 4. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50 W
0.1 mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
50 W
35 pF
VOUT
0.1 mF


유사한 부품 번호 - SLAS5223

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS753 TI1-SLAS753 Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
SLAS753A TI1-SLAS753A Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
SLAS753B TI1-SLAS753B Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

유사한 설명 - SLAS5223

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231_08 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com