전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5841HS 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM5841HS
상세설명  Audio Multi-function Digital Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5841HS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—3
BLOCK DIAGRAM
PIN DESCRIPTION
SOP
DIP
Name
I/O1
Description
1
1
WSL1
Ip
Input/output data select pins
8
6
WSL2
Ip
2
2
CKI
Ip
System clock input
3
3
CKSL
Ip
System clock select input. 384fs when HIGH, and 256fs when LOW.
4
4
CKO
O
System clock output. The CKI is first buffered before output on CKO.
5
5
VSS
Ground
6
NC
No connection
7
NC
No connection
9
7
DSF1
Ip
Deemphasis select inputs
10
8
DSF2
Ip
11
9
RST
Ip
System reset. Reset and initialization when RST is LOW.
12
10
BCKO
O
Output bit clock
Input data Interface
System
Clock
BCKO
DOL
CKSL
CKI
CKO
DSF1
WSL1
RST
WCKO
DOR
Timing
Controller
DSF2
VDD
VSS
LRCI
BCKI
DIN
OFST
Filter and Attenuation
Airthmetic block
Interface
Output date
Deemphasis
Controler
WSL2
Input/output
word length
selector
WSL1
WSL2
Noise shaper
Input bit length
Output bit length
HIGH
HIGH
Off
18 bits
20 bits
HIGH
LOW
On
18 bits
18 bits
LOW
HIGH
On
16 bits
18 bits
LOW
LOW
On
16 bits
16 bits
DSF1
DSF2
Deemphasis
Sampling frequency
LOW
LOW
On
44.1 kHz
LOW
HIGH
On
48.0 kHz
HIGH
LOW
Off
HIGH
HIGH
On
32.0 kHz


유사한 부품 번호 - SM5841HS

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
More results

유사한 설명 - SM5841HS

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com