전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16240DTR 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 74ALVCH16240DTR
상세설명  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16240DTR 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button 74ALVCH16240DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 9Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74ALVCH16240
http://onsemi.com
7
Figure 6. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(±0.008")
2.0 mm × 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS R"
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004") MAX
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937")
1 mm
(0.039") MAX
250 mm
(9.843")
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 13 and 14)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
24mm
20.1mm
(0.791")
1.5 + 0.1mm
−0.0
(0.059
+0.004" −0.0)
1.5mm
Min
(0.060")
1.75
±0.1 mm
(0.069
±0.004")
11.5
±0.10 mm
(0.453
±0.004")
11.9 mm
Max
(0.468")
16.0
±0.1 mm
(0.63
±0.004")
4.0
±0.1 mm
(0.157
±0.004")
2.0
±0.1 mm
(0.079
±0.004")
30 mm
(1.18")
0.6 mm
(0.024")
24.3 mm
(0.957")
13.Metric Dimensions Govern−English are in parentheses for reference only.
14.A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10° within the determined cavity.


유사한 부품 번호 - 74ALVCH16240DTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ALVCH16240DGGRE4 TI1-74ALVCH16240DGGRE4 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH16240DTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com