전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16374DTR 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 74ALVCH16374DTR
상세설명  Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16374DTR 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button 74ALVCH16374DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 9Page - ON Semiconductor 74ALVCH16374DTR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
74ALVCH16374
http://onsemi.com
10
PACKAGE DIMENSIONS
TSSOP
DT SUFFIX
CASE 1201−01
ISSUE A
S
U
M
0.12 (0.005)
V S
T
−V−
B
A
L
K
−U−
48X
REF
PIN 1
IDENT.
124
25
48
0.076 (0.003)
SEATING
D
−T−
PLANE
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.40
12.60
0.488
0.496
B
6.00
6.20
0.236
0.244
C
−−−
1.10
−−−
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.50 BSC
0.0197 BSC
H
0.37
−−−
0.015
−−−
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.17
0.27
0.007
0.011
K1
0.17
0.23
0.007
0.009
L
7.95
8.25
0.313
0.325
M
0
8
0
8
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSIONS A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
C
G
H
−W−
DETAIL E
J
K1
K
J1
SECTION N−N
M
0.25 (0.010)
F
DETAIL E
N
N
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
74ALVCH16374/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


유사한 부품 번호 - 74ALVCH16374DTR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16374DGG PHILIPS-74ALVCH16374DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Nexperia B.V. All right...
74ALVCH16374DGG NEXPERIA-74ALVCH16374DGG Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
Texas Instruments
74ALVCH16374DGGRE4 TI-74ALVCH16374DGGRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ALVCH16374DGVRE4 TI-74ALVCH16374DGVRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16374DL PHILIPS-74ALVCH16374DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
More results

유사한 설명 - 74ALVCH16374DTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com