전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC00A 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 74LVC00A
상세설명  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC00A 데이터시트(HTML) 5 Page - ON Semiconductor

  74LVC00A Datasheet HTML 1Page - ON Semiconductor 74LVC00A Datasheet HTML 2Page - ON Semiconductor 74LVC00A Datasheet HTML 3Page - ON Semiconductor 74LVC00A Datasheet HTML 4Page - ON Semiconductor 74LVC00A Datasheet HTML 5Page - ON Semiconductor 74LVC00A Datasheet HTML 6Page - ON Semiconductor 74LVC00A Datasheet HTML 7Page - ON Semiconductor 74LVC00A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74LVC00A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ1
Max
Min
Typ1
Max
tpd
Propagation Delay (Note 5)
VCC = 1.2 V
12.0
ns
VCC = 1.65 V to 1.95 V
0.5
3.8
8.4
0.5
9.7
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
4.8
0.5
5.7
VCC = 2.7 V
0.5
2.3
5.1
0.5
5.9
VCC = 3.0 V to 3.6 V
0.5
2.0
4.3
0.5
5.1
tsk(0)
Output Skew Time (Note 6)
VCC = 3.0 V to 3.6 V
1.0
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
5. tpd is the same as tPLH and tPHL.
6. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
TA = +25°C
Unit
Min
Typ
Max
VOLP
Dynamic LOW Peak Voltage (Note 7)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note 7)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
7. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
4.0
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
5.0
pF
CPD
Power Dissipation Capacitance
(Note 8)
Per input; VI = GND or VCC
pF
VCC = 1.65 V to 1.95 V
5.6
VCC = 2.3 V to 2.7 V
8.9
VCC = 3.0 V to 3.6 V
11.8
8. CPD is used to determine the dynamic power dissipation (PD in mW).
PD = CPD x VCC2 x fi x N + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF VCC = supply voltage in Volts
N = number of outputs switching
S(CL x VCC2 x fo) = sum of the outputs.


유사한 부품 번호 - 74LVC00A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC00A PHILIPS-74LVC00A Datasheet
86Kb / 8P
   Quad 2-input NAND gate
1998 Apr 28
logo
STMicroelectronics
74LVC00A STMICROELECTRONICS-74LVC00A Datasheet
299Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LVC00A NEXPERIA-74LVC00A Datasheet
235Kb / 12P
   Quad 2-input NAND gate
Rev. 9 - 17 September 2021
74LVC00A-Q100 NEXPERIA-74LVC00A-Q100 Datasheet
745Kb / 14P
   Quad 2-input NAND gate
More results

유사한 설명 - 74LVC00A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com