전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC07A 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 74LVC07A
상세설명  Low-Voltage CMOS Hex Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC07A 데이터시트(HTML) 5 Page - ON Semiconductor

  74LVC07A Datasheet HTML 1Page - ON Semiconductor 74LVC07A Datasheet HTML 2Page - ON Semiconductor 74LVC07A Datasheet HTML 3Page - ON Semiconductor 74LVC07A Datasheet HTML 4Page - ON Semiconductor 74LVC07A Datasheet HTML 5Page - ON Semiconductor 74LVC07A Datasheet HTML 6Page - ON Semiconductor 74LVC07A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74LVC07A
www.onsemi.com
5
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
An  Input
On  Output
VX
VMI
VMI
VMO
Table 3. AC WAVEFORMS
Symbol
VCC
VCC . 4.5 to 5.5 V
VCC . 2.7 to 3.6 V
VCC < 2.7 V
VMI
VCC / 2
1.5 V
VCC / 2
VMO
VCC / 2
1.5 V
VCC / 2
VX
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
R1
6 V or VCC × 2
GND
CL includes jig and probe capacitance
RT = ZOUT of pulse generator (typically 50 Q)
R1 = RL
Table 4. TEST CIRCUIT
Supply Voltage
Input
Load
VEXT
VCC (V)
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
1.65 − 1.95
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
2.3 − 2.7
VCC
≤ 2 ns
30 pF
500
Q
Open
2 x VCC
GND
2.7
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
3.0 − 3.6
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
4.5 to 5.5
VCC
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND


유사한 부품 번호 - 74LVC07A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
   Hex buffer with open-drain outputs
2000 Mar 07
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC07A NXP-74LVC07A Datasheet
160Kb / 14P
   Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A Datasheet
105Kb / 7P
   Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
   Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
More results

유사한 설명 - 74LVC07A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A_15 Datasheet
105Kb / 7P
   Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
logo
STMicroelectronics
74LCX07YMTR STMICROELECTRONICS-74LCX07YMTR Datasheet
252Kb / 16P
   Low-voltage CMOS hex buffer (open drain)
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
[Old version datasheet]   CMOS HEX BUFFER
logo
Renesas Technology Corp
CD4503BMS RENESAS-CD4503BMS Datasheet
314Kb / 8P
   CMOS Hex Buffer
December 1992
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com