전자부품 데이터시트 검색엔진 |
|
74LVC373A 데이터시트(PDF) 4 Page - ON Semiconductor |
|
74LVC373A 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 10 page 74LVC373A www.onsemi.com 4 DC ELECTRICAL CHARACTERISTICS Symbol Parameter Conditions −40 to +85 5C −40 to +125 5C Unit Min Typ (Note 3) Max Min Typ (Note 3) Max VIH HIGH−level input voltage VCC = 1.2 V 1.08 − − 1.08 − − V VCC = 1.65 V to 1.95 V 0.65 x VCC − − 0.65 x VCC − − VCC = 2.3 V to 2.7 V 1.7 − − 1.7 − − VCC = 2.7 V to 3.6 V 2.0 − − 2.0 − − VIL LOW−level input voltage VCC = 1.2 V − − 0.12 − − 0.12 V VCC = 1.65 V to 1.95 V − − 0.35 x VCC − − 0.35 x VCC VCC = 2.3 V to 2.7 V − − 0.7 − − 0.7 VCC = 2.7 V to 3.6 V − − 0.8 − − 0.8 VOH HIGH−level output voltage VI = VIH or VIL V IO = −100 mA; VCC = 1.65 V to 3.6 V VCC − 0.2 − − VCC − 0.3 − − IO = −4 mA; VCC = 1.65 V 1.2 − − 1.05 − − IO = −8 mA; VCC = 2.3 V 1.8 − − 1.65 − − IO = −12 mA; VCC = 2.7 V 2.2 − − 2.05 − − IO = −18 mA; VCC = 3.0 V 2.4 − − 2.25 − − IO = −24 mA; VCC = 3.0 V 2.2 − − 2.0 − − VOL LOW−level output voltage VI = VIH or VIL V IO = 100 mA; VCC = 1.65 V to 3.6 V − − 0.2 − − 0.3 IO = 4 mA; VCC = 1.65 V − − 0.45 − − 0.65 IO = 8 mA; VCC = 2.3 V − − 0.6 − − 0.8 IO = 12 mA; VCC = 2.7 V − − 0.4 − − 0.6 IO = 24 mA; VCC = 3.0 V − − 0.55 − − 0.8 II Input leakage current VI = 5.5 V or GND; VCC = 3.6 V − ±0.1 ±5 − ±0.1 ±20 mA IOZ OFF−state output current VI = VIH or VIL; VO = 5.5 V or GND; VCC = 3.6 V − ±0.1 ±5 − ±0.1 ±20 mA IOFF Power−off leakage current VI or VO = 5.5 V; VCC = 0.0 V − ±0.1 ±10 − ±0.1 ±20 mA ICC Supply current VI = VCC or GND; IO = 0 A; VCC = 3.6 V − 0.1 10 − 0.1 40 mA DICC Additional supply current per input pin; VI = VCC − 0.6 V; IO = 0 A; VCC = 2.7 V to 3.6 V − 5 500 − 5 5000 mA Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 3. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise. |
유사한 부품 번호 - 74LVC373A |
|
유사한 설명 - 74LVC373A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |