전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC373ADTR2G 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 74LVC373ADTR2G
상세설명  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC373ADTR2G 데이터시트(HTML) 5 Page - ON Semiconductor

  74LVC373ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC373ADTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC373A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 4)
Max
Min
Typ
(Note 4)
Max
tpd
Propagation Delay (Note 5)
Dn to On
VCC = 1.2 V
14.0
ns
VCC = 1.65 V to 1.95 V
1.5
6.5
15.8
1.5
18.2
VCC = 2.3 V to 2.7 V
1.0
3.4
8.2
1.0
9.4
VCC = 2.7 V
1.5
3.4
7.8
1.5
10.0
VCC = 3.0 V to 3.6 V
1.5
2.9
6.8
1.5
8.5
tpd
Propagation Delay
LE to On
VCC = 1.2 V
16.0
ns
VCC = 1.65 V to 1.95 V
2.2
7.3
16.8
2.2
19.3
VCC = 2.3 V to 2.7 V
1.5
3.9
8.6
1.5
10.0
VCC = 2.7 V
1.5
3.5
8.2
1.5
10.5
VCC = 3.0 V to 3.6 V
1.5
3.3
7.2
1.5
9.0
ten
Enable Time (Note 6)
OE to On
VCC = 1.2 V
17.0
ns
VCC = 1.65 V to 1.95 V
1.5
6.8
17.6
1.5
20.3
VCC = 2.3 V to 2.7 V
1.5
3.8
9.7
1.5
11.2
VCC = 2.7 V
1.5
3.8
8.7
1.5
11.0
VCC = 3.0 V to 3.6 V
1.5
3.1
7.7
1.5
10.0
tdis
Disable Time (Note 7)
OE to On
VCC = 1.2 V
8.0
ns
ns
VCC = 1.65 V to 1.95 V
1.5
4.3
10.3
1.5
11.9
VCC = 2.3 V to 2.7 V
1.0
2.4
5.8
1.0
6.8
VCC = 2.7 V
1.5
3.2
7.1
1.5
9.0
VCC = 3.0 V to 3.6 V
1.5
3.0
6.1
1.5
8.0
tw
Pulse Width
LE HIGH
VCC = 1.65 V to 1.95 V
5.0
5.0
ns
VCC = 2.3 V to 2.7 V
4.0
4.0
ns
VCC = 2.7 V
3.0
3.0
VCC = 3.0 V to 3.6 V
3.0
1.5
3.0
tsu
Set−up Time
On to LE
VCC = 1.65 V to 1.95 V
4.0
4.0
ns
VCC = 2.3 V to 2.7 V
3.0
3.0
VCC = 2.7 V
2.0
2.0
VCC = 3.0 V to 3.6 V
2.0
0.0
2.0
th
Hold Time
On to LE
VCC = 1.65 V to 1.95 V
3.0
3.0
ns
VCC = 2.3 V to 2.7 V
2.0
2.0
VCC = 2.7 V
1.5
1.5
VCC = 3.0 V to 3.6 V
1.5
0.3
1.5
tsk(0)
Output Skew Time (Note 8)
1.0
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
5. tpd is the same as tPLH and tPHL.
6. ten is the same as tPZL and tPZH.
7. tdis is the same as tPLZ and tPHZ.
8. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.


유사한 부품 번호 - 74LVC373ADTR2G

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC373AD PHILIPS-74LVC373AD Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC373AD NEXPERIA-74LVC373AD Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC373AD-Q100 NEXPERIA-74LVC373AD-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
logo
NXP Semiconductors
74LVC373ADB PHILIPS-74LVC373ADB Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC373ADB-Q100 NEXPERIA-74LVC373ADB-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
More results

유사한 설명 - 74LVC373ADTR2G

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com