전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSPL7509 데이터시트(PDF) 6 Page - GOOD-ARK Electronics

부품명 SSPL7509
상세설명  75V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSPL7509 데이터시트(HTML) 6 Page - GOOD-ARK Electronics

  SSPL7509 Datasheet HTML 1Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 2Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 3Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 4Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 5Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 6Page - GOOD-ARK Electronics SSPL7509 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSPL7509
75V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
-
1.300
-
-
0.051
-
A1
2.200
2.400
2.600
0.087
0.094
0.102
b
-
1.270
-
-
0.050
-
b1
1.270
1.370
1.470
0.050
0.054
0.058
c
-
0.500
-
-
0.020
-
D
-
15.600
-
-
0.614
-
D1
-
28.700
-
-
1.130
-
D2
-
9.150
-
-
0.360
-
E
9.900
10.000
10.100
0.390
0.394
0.398
E1
-
10.160
-
-
0.400
-
ФP
-
3.600
-
-
0.142
-
ФP 1
1.500
0.059
e
L
12.900
13.100
13.300
0.508
0.516
0.524
ϴ1
-
7
0
-
-
7
0
-
ϴ2
-
7
0
-
-
7
0
-
ϴ3
-
3
0
-
5
0
7
0
9
0
ϴ4
-
3
0
-
1
0
3
0
5
0
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
TO220 PACKAGE OUTLINE DIMENSION_GN
E
D
D1
ФP
A
ϴ1
D2
A1
c
e
b
b1
ϴ2
ϴ3
L
ϴ4
ФP1
E1


유사한 부품 번호 - SSPL7509

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSPL7509 SILIKRON-SSPL7509 Datasheet
649Kb / 8P
   Advanced Process Technology
More results

유사한 설명 - SSPL7509

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com