전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFT3906 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 SSFT3906
상세설명  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFT3906 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  SSFT3906 Datasheet HTML 1Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 2Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 3Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 4Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 5Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSFT3906
30V N-Channel MOSFET
www.goodark.com
Page 4 of 6
Rev.2.0
Typical Electrical and Thermal Characteristics
ID- Drain Current (A)
Figure 3: Drain-Source On-Resistance
Figure 2:
Transfer Characteristics
Vgs=4.5V
ID=20A
Vgs=10V
ID=30A
150
Vgs=4.5V
ID=20A
Vgs=10V
ID=30A
150
TJ-Junction Temperature(℃)
Figure 4:
Drain-Source On-Resistance
Figure 1:
Rdson vs Vgs
Vgs Gate-Source Voltage (V)
Vgs Gate-Source Voltage (V)
Vgs Gate-Source Voltage (V)


유사한 부품 번호 - SSFT3906

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSFT3906 SILIKRON-SSFT3906 Datasheet
460Kb / 7P
   Advanced trench MOSFET process technology
More results

유사한 설명 - SSFT3906

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com