전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1838M 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB1838M
상세설명  Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1838M 데이터시트(HTML) 2 Page - ON Semiconductor

  LB1838M Datasheet HTML 1Page - ON Semiconductor LB1838M Datasheet HTML 2Page - ON Semiconductor LB1838M Datasheet HTML 3Page - ON Semiconductor LB1838M Datasheet HTML 4Page - ON Semiconductor LB1838M Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1838M
No.3949-2/5
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
VV
Supply voltage
VS
1.8 to 9.0
V
Input high-level voltage
VIH
1.8 to 9.0
V
Input Low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA1,2 = 0V, VIN1 = 3V or 0V
0.1
10
μA
Current drain
ICC1
ENA1 = 3V, VIN1 = 3V or 0V
12
18
mA
VOUT1
ENA = 3V, VIN = 3V or 0V, IOUT = 200mA
0.2
0.28
V
Output saturation voltage
VOUT2
ENA = 3V, VIN = 3V or 0V, IOUT = 400mA
0.4
0.6
V
IIN
VCC = 6V, VIN = 6V
200
μA
Input current
IENA
VCC = 6V, ENA = 6V
200
μA
Output sustaining voltage
VO(SUS)
IOUT = 400mA
9
V
Spark killer diode
Reverse current
IS(leak)
VCC1, VS = 7V
30
μA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit : mm (typ)
3111A
Pin Assignment
1
VCC
2
ENA1
3
OUT1
4
VS1
5
OUT2
6
IN1
7
GND
8
Vcont
14
13
12
11
10
9
GND ENA2 OUT3 VS2 OUT4 IN2
LB1838M
Note: Both GND pins should be connected to ground.
SANYO : MFP14S(225mil)
1
14
7
8
8.0
0.15
(1.0)
1.0
0.35
-20
0
20
40
60
80
100
0
1000
800
600
400
200
Pd max -- Ta
550
330
480
Ambient temperature, Ta --
°C
Independent IC
With specified board
Specified board: 20
×30×1.5mm3
glass epoxy board.


유사한 부품 번호 - LB1838M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
   Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

유사한 설명 - LB1838M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763 FUJITSU-MB3763 Datasheet
89Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641_08 Datasheet
85Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
   Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com