전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1933M 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LB1933M
상세설명  Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1933M 데이터시트(HTML) 4 Page - ON Semiconductor

  LB1933M Datasheet HTML 1Page - ON Semiconductor LB1933M Datasheet HTML 2Page - ON Semiconductor LB1933M Datasheet HTML 3Page - ON Semiconductor LB1933M Datasheet HTML 4Page - ON Semiconductor LB1933M Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1933M
No.6506-4/5
Equivalent Circuit Block Diagram
* There are no constraints on the relationship between the applied voltage to VCC, VS1, VS2, ENA1, ENA2, IN1, and
IN2 within the absolute maximum ratings (For example, this IC can be used at VCC=3V, VS1=VS2=2V, and
ENA=IN=5V)
ILB00048
IN1
VCC
VS2VS1
OUT1
OUT3
OUT4
OUT2
Stepping
Motor
10
μF
50k
Ω
80k
Ω
80k
Ω
80k
Ω
ENA1
Vcont
50k
Ω
80k
Ω
IN2
50k
Ω
ENA2
GND
GND
50k
Ω
1
11
4
6
2
9
13
7
8
10
14
12
5
3
Control block
Control block
Thermal shutdown


유사한 부품 번호 - LB1933M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
More results

유사한 설명 - LB1933M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com