전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823450XBTBG 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC823450XBTBG
상세설명  Low Power & High-Resolution Audio Processing System LSI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450XBTBG 데이터시트(HTML) 2 Page - ON Semiconductor

  LC823450XBTBG Datasheet HTML 1Page - ON Semiconductor LC823450XBTBG Datasheet HTML 2Page - ON Semiconductor LC823450XBTBG Datasheet HTML 3Page - ON Semiconductor LC823450XBTBG Datasheet HTML 4Page - ON Semiconductor LC823450XBTBG Datasheet HTML 5Page - ON Semiconductor LC823450XBTBG Datasheet HTML 6Page - ON Semiconductor LC823450XBTBG Datasheet HTML 7Page - ON Semiconductor LC823450XBTBG Datasheet HTML 8Page - ON Semiconductor LC823450XBTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
LC823450
www.onsemi.com
2
1
Abstract
1-1
Features
Cortex-M3 Dual Core, AMBA
® (AHB/APB) system
-
Internal SRAM (1.5M-byte)
-
Internal ROM (256k-byte). Boot code, Standard Functions
-
SDRAM Controller (1 * CS)
64M to 256Mbit SDRAM / Mobile SDRAM
-
External Memory Controller (2 * CS)
NOR FLASH, SRAM, ROM supported, 8/16 bit I/F LCD controller supported
Internal ROM boot and External memory device boot available
-
DMA Controller (8ch)
-
Interrupt Controller (External 90ch, Internal 82ch)
-
SPI (1ch)
-
Serial Flash I/F (1ch)
Quad SPI, cache memory (16k-byte, 4way set associative, 128line) function available
1.8V dedicated power supply
-
UART (3ch)
UART1 : w/flow control (CTS, RTS)
UART0, UART2 : w/o flow control
-
I2C (2ch) Single Master, Full/Standard
-
GPIO (90 ch)
-
Plain Timer w/ Watch Dog Timer (1ch×3)
-
Multiple Timer (2ch×4)
-
10bit ADC (6ch)
-
SD Card I/F (3ch)
eSD/eMMC, UHS-I, w/o CPRM
 SD0 : eSD/eMMC boot supported (Internal ROM Boot function)
1.8V dedicated power supply
 SD1 : Multiplexed w/ Memory Stick I/F
1.8V dedicated power supply
 SD2 :
1.8V dedicated power supply
-
Memory Stick I/F (1ch)
Multiplexed w/ SD1
-
USB2.0 Host (HS/FS/LS) Controller, Device (HS/FS) Controller. Integrated PHY
Xtal (XT1) is required for USB function.
48 MHz for Host, and 12,20,24,48 MHz for device
w/o OTG function. Host and Device share an integrated PHY.
-
Real Time Clock
2 modes below are available
 General RTC mode : RTC w/o key input
 KeyInt RTC mode : RTC w/ key input which enables power on function
-
SWD (Serial Wire Debug) is supported as the debug interface
SWV (Serial Wire Viewer) is supported as the trace interface
Only one of Cortex-M3 Dual Core can be traced.


유사한 부품 번호 - LC823450XBTBG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823450XBTBG ONSEMI-LC823450XBTBG Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
More results

유사한 설명 - LC823450XBTBG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com