전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA3109 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 SMA3109
상세설명  MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA3109 데이터시트(HTML) 3 Page - ON Semiconductor

  SMA3109 Datasheet HTML 1Page - ON Semiconductor SMA3109 Datasheet HTML 2Page - ON Semiconductor SMA3109 Datasheet HTML 3Page - ON Semiconductor SMA3109 Datasheet HTML 4Page - ON Semiconductor SMA3109 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMA3109
No. A1749-3/5
Evaluation Board
IN
OUT
C2
L1
C3
VCC
C1
Symbol
Value
C1, C2
100pF
C3
1000pF
L1
100nH
Freqency, f -- MHz
RLin -- f
Gp -- f
Frequency, f -- MHz
Circuit Voltage, VCC -- V
ICC -- VCC
IT15583
0
1000
2000
3000
4000
--25
--30
--10
0
--15
--5
--20
IT15581
0
0
5
10
15
20
25
30
1234
IT15582
0
5
10
15
20
25
35
30
1000
2000
3000
4000
3.3V
3.0V
2.7V
3.3V
3.0V
2.7V


유사한 부품 번호 - SMA3109

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
More results

유사한 설명 - SMA3109

제조업체부품명데이터시트상세설명
logo
RFHIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
   MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
   MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
   MMIC
logo
RFHIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
   MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
   MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
   MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
   MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
   MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
   MMIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
AP409 RFHIC-AP409 Datasheet
422Kb / 7P
   MMIC
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com