전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS391SN2T1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 TS391SN2T1G
상세설명  Low Power Single Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS391SN2T1G 데이터시트(HTML) 1 Page - ON Semiconductor

  TS391SN2T1G Datasheet HTML 1Page - ON Semiconductor TS391SN2T1G Datasheet HTML 2Page - ON Semiconductor TS391SN2T1G Datasheet HTML 3Page - ON Semiconductor TS391SN2T1G Datasheet HTML 4Page - ON Semiconductor TS391SN2T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2015 − Rev. 4
1
Publication Order Number:
TS391/D
TS391, NCV391
Low Power Single Voltage
Comparator
Description
The TS391 is an open collector, low−power voltage comparator
designed specifically to operate from a single supply over a wide range
of voltages. Operation from split power supplies is also possible.
This comparator also has a unique characteristic in that the input
common−mode voltage range includes ground, even though operated
from a single power supply voltage.
Features
Wide Single Supply Voltage Range or Dual Supplies
Low Supply Current (0.5 mA) Independent of Supply Voltage
(1 mW/Comparator at +5 V)
Low Input Bias Current: 25 nA TYP
Low Input Offset Current: ±5 nA TYP
Low Input Offset Voltage: ±1 mV TYP
Input Common Mode Voltage Range includes Ground
Low Output Saturation Voltage: 250 mV TYP at IO = 4 mA
Differential Input Voltage Range Equal to the Supply Voltage
TTL, DTL, ECL, CMOS Compatible Devices
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
VEE
VEE
VCC
IN+
IN−
VEE
Vout
www.onsemi.com
1
5
TSOP−5
SN SUFFIX
CASE 483
391 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
391AYW
G
G
Analog
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
TS391SN2T1G
TSOP−5
(Pb−Free)
3000 / Tape &
Reel
MARKING DIAGRAM
1
2
3
5
4
IN+
VCC
OUT
VEE
IN−
PIN CONNECTIONS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV391SN2T1G*
TSOP−5
(Pb−Free)
3000 / Tape &
Reel
* NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Require-
ments; AEC−Q100 Qualified and PPAP Capable


유사한 부품 번호 - TS391SN2T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
TS391SN2T1G ONSEMI-TS391SN2T1G Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
More results

유사한 설명 - TS391SN2T1G

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
   Low-power single voltage comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
logo
Unisonic Technologies
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com