전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE44538 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE44538
상세설명  7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44538 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44538 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44538 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44538 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB,
LMR-400-UF from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-
B405, LMR-400, LMR-400-DB, LMR-400-UF PE44538
URL: http://www.pasternack.com/7-16-male-standard-pe-c400-0.400-connector-pe44538-p.aspx
7/16 DIN Male Connector Crimp/Non-Solder Contact
Attachment For PE-C400, PE-B400, PE-B405,
LMR-400, LMR-400-DB, LMR-400-UF
PE44538
PE44538 REV 01


유사한 부품 번호 - PE44538

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
   TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
318Kb / 3P
   TNC Male Right Angle Connector Crimp/Solder Attachment
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
   N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
   N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
   N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

유사한 설명 - PE44538

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
   7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
   RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
   RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
   RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
   QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
   BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
   N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
   TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
   UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com