전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP302A-Q1 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TMP302A-Q1
상세설명  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302A-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP302A-Q1 Datasheet HTML 6Page - Texas Instruments TMP302A-Q1 Datasheet HTML 7Page - Texas Instruments TMP302A-Q1 Datasheet HTML 8Page - Texas Instruments TMP302A-Q1 Datasheet HTML 9Page - Texas Instruments TMP302A-Q1 Datasheet HTML 10Page - Texas Instruments TMP302A-Q1 Datasheet HTML 11Page - Texas Instruments TMP302A-Q1 Datasheet HTML 12Page - Texas Instruments TMP302A-Q1 Datasheet HTML 13Page - Texas Instruments TMP302A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Time (5 µs/div)
OUT
VS
Time (10 ms/div)
OUT
VS
TMP302-Q1
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
0.1 µF
OUTPUT
VS
1.4 V to 3.6 V
10 k
TMP302-Q1
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
Figure 11. TMP302-Q1 Generic Application Schematic
9.2.1 Design Requirements
Designing with the TMP302-Q1 family of devices is simple, See Figure 10 and Figure 11 for typical circuit
configurations.
9.2.2 Detailed Design Procedure
Determine the threshold temperature and hysteresis required for the application. Connect the TMPSET0,
TMPSET1 and HYSTSET pins according to the application requirements. Refer to Table 1 and Table 2. Use a
10-k
Ω pullup resistor from the OUT pin to the VS pin. To minimize power, a larger-value pullup resistor can be
used but must not exceed 100 k
Ω. Place a 0.1-µF bypass capacitor close to the TMP302-Q1 device to reduce
noise coupled from the power supply.
9.2.3 Application Curves
Figure 12 and Figure 13 show the TMP302A-Q1 power on response with the ambient temperature less than
50°C and greater than 50°C respectively. The TMP302A-Q1 was configured with trip point set to 50°C. The
TMP302B-Q1, TMP302C-Q1, and TMP302D-Q1 devices behave similarly with regards to power on response
with TA below or above the trip point. Note that the OUT signal typically requires 35 ms following power on to
become valid.
Figure 12. TMP302A-Q1 Power-On Response, TA Less than
Figure 13. TMP302A-Q1 Power-On Response, TA Greater
50°C
than 50°C
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP302-Q1


유사한 부품 번호 - TMP302A-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
More results

유사한 설명 - TMP302A-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com