전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP435 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMP435
상세설명  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 데이터시트(HTML) 3 Page - Texas Instruments

  TMP435_15 Datasheet HTML 1Page - Texas Instruments TMP435_15 Datasheet HTML 2Page - Texas Instruments TMP435_15 Datasheet HTML 3Page - Texas Instruments TMP435_15 Datasheet HTML 4Page - Texas Instruments TMP435_15 Datasheet HTML 5Page - Texas Instruments TMP435_15 Datasheet HTML 6Page - Texas Instruments TMP435_15 Datasheet HTML 7Page - Texas Instruments TMP435_15 Datasheet HTML 8Page - Texas Instruments TMP435_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
TMP435
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = –40°C to +125°C
±1.25
±2.5
°C
TA = +0°C to +100°C, VS = 3.3V
±0.25
±1
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = 0°C to +100°C, TDIODE = –40°C to +150°C, VS = 3.3V
±0.25
±1
°C
TA = –40°C to +100°C, TDIODE = –40°C to +150°C, VS = 3.3V
±0.5
±1.5
°C
TA = –40°C to +125°C, TDIODE = –40°C to +150°C
±3
±5
°C
vs Supply (Local/Remote)
VS = 2.7V to 5.5V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
Local Channel
12
15
17
ms
Remote Channel
RC = 1
97
126
137
ms
MBeta Correction Enabled (2)
RC = 0
36
47
52
ms
RC = 1
72
93
100
ms
MBeta Correction Disabled (3)
RC = 0
33
44
47
ms
Resolution
Local Channel
12
Bits
Remote Channel
12
Bits
Remote Sensor Source Currents
High
120
mA
Series Resistance (beta correction) (4)
Medium High
60
mA
Medium Low
12
mA
Low
6
mA
Remote Transistor Ideality Factor
n
TMP435 optimized ideality factor
1.000(2)
1.008(3)
Beta Correction Range
b
0.1
27
SMBus INTERFACE
Logic Input High Voltage (SCL, SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDA Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
Logic Input Current
0
≤ VIN ≤ 6V
–1
+1
mA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
25
32
35
ms
SCL Falling Edge to SDA Valid Time
1
ms
DIGITAL OUTPUTS
Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
High-Level Output Leakage Current
IOH
VOUT = VS
0.1
1
mA
ALERT/THERM2 Output Low Sink Current
ALERT/THERM2 Forced to 0.4V
6
mA
THERM Output Low Sink Current
THERM2 Forced to 0.4V
6
mA
(1)
Tested with less than 5
Ω effective series resistance and 100pF differential input capacitance. TA is the ambient temperature of the
TMP435. TDIODE is the temperature at the remote diode sensor.
(2)
Beta correction configuration set to '1000' and sensor is GND collector-connected (PNP collector to ground).
(3)
Beta correction configuration set to '0111' or sensor is diode-connected (base shorted to collector).
(4)
If beta correction is disabled ('0111'), then up to 1k
Ω of series line resistance is cancelled; if beta correction is enabled ('1xxx'), up to
300
Ω is cancelled.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP435


유사한 부품 번호 - TMP435_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results

유사한 설명 - TMP435_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com