전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK715V-AC 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 2SK715V-AC
상세설명  N-Channel JFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK715V-AC 데이터시트(HTML) 2 Page - ON Semiconductor

  2SK715V-AC Datasheet HTML 1Page - ON Semiconductor 2SK715V-AC Datasheet HTML 2Page - ON Semiconductor 2SK715V-AC Datasheet HTML 3Page - ON Semiconductor 2SK715V-AC Datasheet HTML 4Page - ON Semiconductor 2SK715V-AC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK715
www.onsemi.com
2
Gate-to-Source Voltage, VGS -- V
ID -- VGS
DrainCurrent,IDSS -- mA
VGS(off) -- IDSS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
HD00869
0
0.4
0.8
1.2
1.6
2.0
0
4
8
12
16
VGS=0V
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
HD00871
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
10
20
30
40
HD00870
024
68
10
0
4
8
12
16
57
23
35
10
7
--1.0
--0.1
5
3
2
2
VDS=5V
ID=100mA
HD00872
VDS=5V
I DSS
=20m
A
10mA
V GS
=0
V
DrainCurrent,IDSS -- mA
| yfs | -- IDSS
DrainCurrent,ID -- mA
| yfs | -- ID
Ciss -- VDS
Drain-to-Source Voltage, VDS -- V
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
20m
A
HD00873
HD00874
VDS=5V
f=1kHz
1.0
5
3
2
77
75
3
2
10
5
3
2
2
10
7
100
7
5
VDS=5V
VGS=0V
f=1kHz
5
3
32
7
5
10
5
3
2
100
10
7
HD00875
HD00876
VGS=0V
f=1MHz
1.0
23
3
57
7
10
2
2
2
7
5
3
3
10
1.0
23
57
7
10
23
1.0
2
2
7
5
3
10
VGS=0V
f=1MHz
IDSS
=10m
A


유사한 부품 번호 - 2SK715V-AC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK715 SANYO-2SK715 Datasheet
77Kb / 3P
   AM Tuner RF Amp Applications?
2SK715 SANYO-2SK715 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
   AM Tuner, RF Amplifi er Applications
2SK715 SANYO-2SK715_12 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
More results

유사한 설명 - 2SK715V-AC

제조업체부품명데이터시트상세설명
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com