전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK932-23-TB-E 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SK932-23-TB-E
상세설명  N-Channel JFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK932-23-TB-E 데이터시트(HTML) 3 Page - ON Semiconductor

  2SK932-23-TB-E Datasheet HTML 1Page - ON Semiconductor 2SK932-23-TB-E Datasheet HTML 2Page - ON Semiconductor 2SK932-23-TB-E Datasheet HTML 3Page - ON Semiconductor 2SK932-23-TB-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK932
No.2841-3/4
Ambient Temperature, Ta --
°C
PD -- Ta
Frequency, f -- Hz
NF -- f
Frequency, f -- Hz
NF -- f
Drain Current, ID -- mA
| yfs | -- ID
Saturation Drain Current, IDSS -- mA
| yfs | -- IDSS
Ciss -- VDS
Drain-to-Source Voltage, VDS -- V
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
20mA
10mA
HD00902
HD00903
VDS=5V
f=1kHz
VGS=0
f=1MHz
VGS=0
f=1MHz
1.0
5
3
2
7
5
3
2
10
5
3
3
2
10
7
100
7
5
ITR00904
VDS=5V
VGS=0
f=1kHz
5
3
3
2
7
5
10
5
3
2
100
10
7
ITR00905
1.0
2
3
3
5
5
7
7
10
2
2
7
5
3
3
10
2
1.0
1.0
2
3
5
7
7
10
2
3
5
1.0
2
7
7
5
5
3
10
0
20
40
60
80
100
120
140
160
0
80
40
120
200
160
240
ITR00908
10
100
1k
5
1M
2
5
2
2
5 10k 2
5 100k 2
5
10
100
1k
5
1M
2
5
2
2
5 10k 2
5 100k 2
5
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
VDS=5V
Rg=1k
VDS=5V
ID=10mA
10k
ITR00906
ITR00907


유사한 부품 번호 - 2SK932-23-TB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK932-23-TB-E SANYO-2SK932-23-TB-E Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
More results

유사한 설명 - 2SK932-23-TB-E

제조업체부품명데이터시트상세설명
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com