전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4746AP 데이터시트(PDF) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

부품명 1N4746AP
상세설명  1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
홈페이지  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

1N4746AP 데이터시트(HTML) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

  1N4746AP Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 1N4746AP Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. 1N4746AP Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
1
10
14
10
10.6
75
1
20
22
20
17
150
0
30
30
30
24
40
40
50
40.2
50
50
70
58
70
70
90
78
90
90
100
90
97
100
075
0.2
100
0.5
125
0.7 137.5
1
150
0.02
100
0.01
90
0.01
27
0.01
14
0.01
4.9
20
6.1
15
5.5
0.04
19
0.09
10
8
4
1000
2.5
1000
1.7
0.15
14
0.4
8
100
2.1
0.7
10
0.8
7.1
1926
3755
5
6.1
10
4.2
9
5
100
2.1
40
3
100
2.1
FIG.4 - Maximum Surge Power
ig. 1 - Power Temperature Derating Curv
Fig. 2 - Temperature Coefficients v.s. Zener
Voltage
Fig. 3 - Typical Thermal Resistance v.s. Lead Length
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
Lead Temperature ,TL (℃)
1
10
100
10
100
Zener Voltage, Vz, (Volts)
0
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Lead Length to Heat Sink , L, (inches)
1
10
100
0.01
0.1
1
10
100
1000
Pulse Width, PW, (ms)
1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
1N4736AP THRU 1N4764AP
PB FREE PRODUCT


유사한 부품 번호 - 1N4746AP

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4746AP MICROSEMI-1N4746AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
1N4746AP MCC-1N4746AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results

유사한 설명 - 1N4746AP

제조업체부품명데이터시트상세설명
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com