전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA4733A 데이터시트(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

부품명 SMA4733A
상세설명  1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
홈페이지  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SMA4733A 데이터시트(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SMA4733A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SMA4733A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. SMA4733A Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Glass passivated chip
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
Lead (Pb)-free component
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, method 208 guranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Dimensions in inches and (millimeters)
Rating at 25
℃ ambient temperature unless otherwise specified.
Parameter
UNIT
Watts
Volts
K/W
°C
°C
(1) TL = Lead temperature at 3/8 " (9.5mm) from body.
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
FEATURES
1.0
Symbol
RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Note:
Storage Temperature Range
TSTG
- 55 to + 175
Junction Temperature Range
TJ
- 55 to + 175
Maximum Thermal Resistance Junction to Ambient
Air (Note2)
RӨJA
170.0
Peak pulse current wih a 10/1000μs waveform
VF
1.2
DC Power Dissipation at TL = 50 °C (Note1)
PD
Value
For use in stabilizing and
clipping circuits with high power
SMA4728A THRU SMA4764A
PB FREE PRODUCT


유사한 부품 번호 - SMA4733A

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
SMA4733A YANGJIE-SMA4733A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4733A RFE-SMA4733A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4733A FORMOSA-SMA4733A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4733A SOCAY-SMA4733A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4733A SOCAY-SMA4733A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMA4733A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com