전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP006 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TMP006
상세설명  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP006 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP006_15 Datasheet HTML 2Page - Texas Instruments TMP006_15 Datasheet HTML 3Page - Texas Instruments TMP006_15 Datasheet HTML 4Page - Texas Instruments TMP006_15 Datasheet HTML 5Page - Texas Instruments TMP006_15 Datasheet HTML 6Page - Texas Instruments TMP006_15 Datasheet HTML 7Page - Texas Instruments TMP006_15 Datasheet HTML 8Page - Texas Instruments TMP006_15 Datasheet HTML 9Page - Texas Instruments TMP006_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
7.5
Electrical Characteristics
At TDIE = +25°C, V+ = 3.3 V, and conversion time = 1 second, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT ERROR
TDIE = 0°C to +60°C, V+ = 2.2 V to 5.5 V
±0.5
±1
°C
Die temperature sensor
TDIE = –40°C to +125°C, V+ = 2.2 V to 5.5 V
±0.5
±1.5
°C
PSRR Power-supply rejection ratio
0.1
°C/V
TDIE = +20°C to +60°C,
Calculate object temperature(1)
±1
±3
°C
TOBJ – TDIE = –10°C to +30°C
Field of view
50% responsivity
90
Degrees
TEMPERATURE MEASUREMENT
CR2 = 0, CR1 = 0, CR0 = 0
0.25
Seconds
CR2 = 0, CR1 = 0, CR0 = 1
0.5
Seconds
Conversion time
CR2 = 0, CR1 = 1, CR0 = 0
1
Seconds
CR2 = 0, CR1 = 1, CR0 = 1
2
Seconds
CR2 = 1, CR1 = 0, CR0 = 0
4
Seconds
Die temperature sensor
0.03125
°C
Resolution
Thermopile sensor resolution
156.25
nV
SMBus COMPATIBLE INTERFACE
TMP006 only
2.1
V
VIH
Logic input high voltage (SCL, SDA)
TMP006B only
1.4
V
TMP006 only
0.8
V
VIL
Logic input low voltage (SCL, SDA)
TMP006B only
0.4
V
Hysteresis
100
mV
VOL
Output low voltage (SDA)
IOUT = 6 mA
0.15
0.4
V
Output low sink current (SDA)
6
mA
Logic input current
Forced to 0.4 V
–1
+1
µA
Input capacitance (SCL, SDA, A0, A1)
3
pF
Clock frequency
0.001
3.4
MHz
Interface timeout
25
30
35
ms
DIGITAL OUTPUTS
VOL
Output low voltage (DRDY)
IOUT = 4 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = VDD
0.1
1
µA
Output low sink current (DRDY)
Forced to 0.4 V
4
mA
POWER SUPPLY
VS
Specified voltage range
TDIE = –40°C to +125°C
2.2
5.5
V
POR
Power-on reset
TDIE = –40°C to +125°C
1.6
V
Continuous conversion; see Table 7
240
325
µA
Serial bus inactive, shutdown mode, TMP006
0.5
1.0
µA
only
IQ
Quiescent current
Serial bus inactive, shutdown mode, TMP006B
1.5
5.0
µA
only
Serial bus active, fS = 400 kHz,
90
µA
shutdown mode
(1)
This parameter is tested in a fully-settled setup with no transients, in front of an ideal black body, with specified layout constraints, and
after system calibration.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B


유사한 부품 번호 - TMP006_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

유사한 설명 - TMP006_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com