전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP75CID 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP75CID
상세설명  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP75CID 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TMP75CID Datasheet HTML 5Page - Texas Instruments TMP75CID Datasheet HTML 6Page - Texas Instruments TMP75CID Datasheet HTML 7Page - Texas Instruments TMP75CID Datasheet HTML 8Page - Texas Instruments TMP75CID Datasheet HTML 9Page - Texas Instruments TMP75CID Datasheet HTML 10Page - Texas Instruments TMP75CID Datasheet HTML 11Page - Texas Instruments TMP75CID Datasheet HTML 12Page - Texas Instruments TMP75CID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Measured
Temperature
T
HIGH
T
LOW
Device
ALERTPIN
(ComparatorMode)
POL=0
Device
ALERTPIN
(InterruptMode)
POL=0
Device
ALERTPIN
(ComparatorMode)
POL=1
Device
ALERTPIN
(InterruptMode)
POL=1
Read
Read
Time
Read
TMP75C
www.ti.com
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
7.3.2 Temperature Limits and Alert
The temperature limits are stored in the TLOW and THIGH registers (Table 7 and Table 8) in the same format as
the temperature result, and their values are compared to the temperature result on every conversion. The
outcome of the comparison drives the behavior of the ALERT pin, which can operate as a comparator output or
an interrupt, and is set by the TM bit in the Configuration register (Table 6).
In comparator mode (TM = 0, default), the ALERT pin becomes active when the temperature is equal to or
exceeds the value in THIGH (fault conditions) for a consecutive number of conversions as set by the FQ bits of the
configuration register. ALERT clears when the temperature falls below TLOW for the same consecutive number of
conversions. The difference between the two limits acts as a hysteresis on the comparator output, and a fault
counter prevents false alerts as a result of environmental noise.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds the value in
THIGH for a consecutive number of fault conditions. The ALERT pin remains active until a read operation of any
register occurs. After the ALERT pin is cleared, this pin becomes active again only when temperature falls below
TLOW for a consecutive number of fault conditions, and remains active until cleared by a read operation of any
register. The cycle repeats with the ALERT pin becoming active when the temperature equals or exceeds THIGH,
and so on. The ALERT pin is cleared also when the device is placed in shutdown mode (see Shutdown Mode for
shutdown mode description). This action also clears the fault counter memory.
The active state of the ALERT pin is set by the POL bit in the configuration register. When POL = 0 (default), the
ALERT pin is active low. When POL = 1, the ALERT pin is active high. The operation of the ALERT pin in the
various modes is illustrated in Figure 7.
Figure 7. ALERT Pin Modes of Operation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP75C


유사한 부품 번호 - TMP75CID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDGKRQ1 TI1-TMP75CQDGKRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDRQ1 TI1-TMP75CQDRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

유사한 설명 - TMP75CID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com