전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP107BQDRQ1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP107BQDRQ1
상세설명  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP107BQDRQ1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP107BQDRQ1 Datasheet HTML 6Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 7Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 8Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 9Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 10Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 11Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 12Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 13Page - Texas Instruments TMP107BQDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-1.5
-1
-0.5
0
0.5
1
1.5
2
-55GC
-15GC
+25GC
+75GC
+125GC
Alert Pin Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
V+ = 1.7V
V+ = 3.3V
V+ = 5.5V
TMP107-Q1
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
Figure 14. Sample Period Drift vs Power Supply Voltage
Figure 15. Alert Pin Sink Current Capability
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107-Q1


유사한 부품 번호 - TMP107BQDRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP107BID TI-TMP107BID Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107BIDR TI-TMP107BIDR Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
More results

유사한 설명 - TMP107BQDRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com