전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72717PW 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 LC72717PW
상세설명  Mobile FM Multiplex Broadcast Receiver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button LC72717PW Datasheet HTML 7Page - ON Semiconductor LC72717PW Datasheet HTML 8Page - ON Semiconductor LC72717PW Datasheet HTML 9Page - ON Semiconductor LC72717PW Datasheet HTML 10Page - ON Semiconductor LC72717PW Datasheet HTML 11Page - ON Semiconductor LC72717PW Datasheet HTML 12Page - ON Semiconductor LC72717PW Datasheet HTML 13Page - ON Semiconductor LC72717PW Datasheet HTML 14Page - ON Semiconductor LC72717PW Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC72717PW
No.A2064-11/27
Symbol
Parameter
min
typ
max
unit
tCL
Clock “L” level time
0.7
s
tCH
Clock “H” level time
0.7
s
tSU
Data setup time
0.7
s
tHD
Data hold time
0.7
s
tEL
CE wait time
0.7
s
tES
CE setup time
0.7
s
tEH
CE hold time
0.7
s
tLC
Data latch change time
0.7
s
tDDO*1
DO data output time
135
320
ns
TDDO2
DO data output off time
135
ns
tCRC
CRC4 change period
0.7
s
*1 DO data output change time from the “H” level to the “L” level. Output change time from the “L” level to the “H”
level is determined by the external pull-up resistance value and load capacitance value.
CPU Interface <Parallel Mode>
This LSI can perform control via the parallel interface, in addition to the CCB interface. To use the parallel interface, it
is necessary to set the SP pin = L. The data bus width can be selected with the BUSWD pin. (BUSWD pin - L: 8 bits,
H: 16 bits)
The DMA transmission method can also be selected according to the setting of control register.
(1) Data input (register setting)
Data is set to the register in LSI. For accessing, input the register address to A0 to A3 pins and the write data to the
D(n) pin.
Set the CS pin = L, and then the WR pin = L. Subsequently, by setting the WR pin = H and the CS pin = H after the
tWWRL period, the data can be set to the register. It is necessary to keep an interval of tCYWR or more before the
next data input.
tSAWR
tWDH
tWWRL
tCYWR
A0 to A3
CS
WR
D(n)
tHAWR
tWDS


유사한 부품 번호 - LC72717PW

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-H ONSEMI-LC72717PW-H Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-NH ONSEMI-LC72717PW-NH Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results

유사한 설명 - LC72717PW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com