전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72717PW-NH 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LC72717PW-NH
상세설명  Mobile FM Multiplex Broadcast Receiver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW-NH 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LC72717PW-NH Datasheet HTML 3Page - ON Semiconductor LC72717PW-NH Datasheet HTML 4Page - ON Semiconductor LC72717PW-NH Datasheet HTML 5Page - ON Semiconductor LC72717PW-NH Datasheet HTML 6Page - ON Semiconductor LC72717PW-NH Datasheet HTML 7Page - ON Semiconductor LC72717PW-NH Datasheet HTML 8Page - ON Semiconductor LC72717PW-NH Datasheet HTML 9Page - ON Semiconductor LC72717PW-NH Datasheet HTML 10Page - ON Semiconductor LC72717PW-NH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LC72717PW
No.A2064-7/27
Continued from preceding page.
Pin No.
Name of Pin
IO Form
State with RST=”L”
Description of Functions
17
D0
I/O
Input
Data bus 0 to 7 I/O pins (parallel IF)
Bus width switched to 8 bits or 16 bits according to the BUSWD setting
* Connect to Vssd when CCB IF (SP=H) is to be used.
18
D1
I/O
Input
19
D2
I/O
Input
20
D3
I/O
Input
21
D4
I/O
Input
22
D5
I/O
Input
23
D6
I/O
Input
24
D7
I/O
Input
25
D8
O
Hi-Z
Data bus 8 to 15 output pins (parallel IF)
* Output OFF for 8 bit bus width (BUSWD=L)
26
D9
O
Hi-Z
27
D10
O
Hi-Z
28
D11
O
Hi-Z
29
D12
O
Hi-Z
30
D13
O
Hi-Z
31
D14
O
Hi-Z
32
D15
O
Hi-Z
33
INT
O
H
Interrupt output pin for external CPU
34
Vddd
-
-
Digital power pin
35
Vssd
-
-
Digital GND pin
36
O
D
O
Hi-Z(H)
O
D
output pin (CCB IF)
37
NC
-
-
NC pin (This pin must be open.)
38
WR
I
Input
Write control signal input pin (parallel IF)
* Connect to Vddd when CCB IF (SP=H) is to be used.
39
RD
I
Input
Read control signal input pin (parallel IF)
* Connect to Vddd when CCB IF (SP=H) is to be used.
40
A0/CL
I
Input
CL input pin (CCB IF)/ address input pin 0 (parallel IF)
41
A1/CE
I
Input
CE input pin (CCB IF)/ address input pin 1 (parallel IF)
42
A2/DI
I
Input
DI input pin (CCB IF)/ address input pin 2 (parallel IF)
43
A3
I
Input
Address input pin 3 (parallel IF)
* Connect to Vssd when CCB IF (SP=H) is to be used.
44
CS
I
Input
Chip selector input pin (parallel IF)
* Connect to Vddd when CCB IF (SP=H) is to be used.
45
STNBY
I
Input
Standby mode input pin (H: standby)
46
RST
I
Input
System reset input pin (L: reset)
47
SP
I
Input
CCB/parallel setting input pin (H: CCB, L: parallel)
48
BUSWD
I
Input
Data bus width setting input pin (L: 8 bits, H: 16 bits)
49
TIN
I
Input
Test input pin (This pin must be connected to Vssd.)
50
NC
-
-
NC pin (This pin must be open.)
51
Vssa
-
-
Analog GND pin
52
Vref
AO
Vdda/2
Reference voltage output pin (Vdda/2)
53
MPXIN
AI
Input
Baseband (multiplex) signal input pin
54
Vdda
-
-
Analog power pin
55
FLOUT
AO
Vdda/2
Subcarrier output pin (76kHz BPF output)
56
CIN
AI
Input
Subcarrier input pin (comparator input)
57
NC
-
-
NC pin (This pin must be open.)
58
TPC1
I
Input
Test input pin (This pin must be connected to Vssd.)
59
TPC2
I
Input
Test input pin (This pin must be connected to Vssd.)
60
TEST
I
Input
Test mode setting pin (This pin must be connected to Vssd.)
61
TOSEL1
I
Input
Test input pin (This pin must be connected to Vssd.)
62
TOSEL2
I
Input
Test input pin (This pin must be connected to Vssd.)
63
Vssd
-
-
Digital GND pin
64
XIN
I
Oscillation
System clock pin (crystal oscillator/external clock input)


유사한 부품 번호 - LC72717PW-NH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW-NH ONSEMI-LC72717PW-NH Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results

유사한 설명 - LC72717PW-NH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com