전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145152DW2 데이터시트(PDF) 8 Page - Motorola, Inc

부품명 MC145152DW2
상세설명  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145152DW2 데이터시트(HTML) 8 Page - Motorola, Inc

Back Button MC145152DW2 Datasheet HTML 4Page - Motorola, Inc MC145152DW2 Datasheet HTML 5Page - Motorola, Inc MC145152DW2 Datasheet HTML 6Page - Motorola, Inc MC145152DW2 Datasheet HTML 7Page - Motorola, Inc MC145152DW2 Datasheet HTML 8Page - Motorola, Inc MC145152DW2 Datasheet HTML 9Page - Motorola, Inc MC145152DW2 Datasheet HTML 10Page - Motorola, Inc MC145152DW2 Datasheet HTML 11Page - Motorola, Inc MC145152DW2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
8
Figure 2. 666–Channel, Computer–Controlled, Mobile Radiotelephone Synthesizer
for 800 MHz Cellular Radio Systems
LOCK DETECT SIGNAL
R1
+
RECEIVER FIRST L.O.
825.030
→ 844.980 MHz
(30 kHz STEPS)
MC12017
÷ 64/65 PRESCALER
NOTE 6
MC145152–2
NOTE 5
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receiver/transmit separation.
3. fR = 7.5 kHz; ÷ R = 2048.
4. Ntotal = N  64 + A = 27501 to 28166; N = 429 to 440; A = 0 to 63.
5. MC145158–2 may be used where serial data entry is desired.
6. High frequency prescalers (e.g., MC12018 [520 MHz] and MC12022 [1 GHz]) may be used for higher frequency VCO and fref
implementations.
7. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter Design page for
additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the common mode
input range of the op amp used in the combiner/loop filter.
REF. OSC.
15.360 MHz
(ON–CHIP OSC.
OPTIONAL)
X2
X4
NOTE 6
X4
NOTE 6
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030
→ 844.980 MHz
(30 kHz STEPS)
RECEIVER 2ND L.O.
30.720 MHz
NOTE 7
MC145152–2 Data Sheet Continued on Page 23


유사한 부품 번호 - MC145152DW2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC145152DW2 FREESCALE-MC145152DW2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
LANSDALE Semiconductor ...
MC145152DW2 LANSDALE-MC145152DW2 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
logo
NXP Semiconductors
MC145152DW2 NXP-MC145152DW2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

유사한 설명 - MC145152DW2

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com