전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26CIM5X-HHD 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM26CIM5X-HHD
상세설명  Accurate, Factory-Preset Thermostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5X-HHD 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM26CIM5X-HHD Datasheet HTML 6Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 7Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 8Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 9Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 10Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 11Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 12Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 13Page - Texas Instruments LM26CIM5X-HHD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
12V
System Fan
Sanyo Denki
109R0612T4H12
LM26
V+
VTEMP
GND
HYST
OS
10k
0.12f
+5V
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM26 thermostat (temperature switch) can be used in applications such as microprocessor thermal
management, appliances, fan control, industrial process control, power supplies for system protection, fan speed
adjust or plain temperature monitoring.
9.2 Typical Application
Figure 8. Two-Speed Fan Speed Control
9.2.1 Design Requirements
The requirement is to change speed fo a fan to maximum at 45°C with an accuracy of
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Min Fan Speed
1900 RPM
Max Fan Speed
3800 RPM
Temperature Threshold To Switch From Min Speed to Max Speed
45°C
Threshold accuracy
±3°C
9.2.2 Detailed Design Procedure
The design procedure is simple. A fan was selected that has the capability to be controlled by an external NTC
thermistor. The recommended NTC thermistor adjusts the fan speed to maximum at 40°C. The LM26 meets the
threshold accuracy requirements for temperature control of the fan speed and allows setting the max speed
temperature threshold higher as required to 45°C. The resistance of the thermistor for the min fan speed is 6.8
k
Ω. Since thermistors have a negative temperature coefficient (NTC), 10 kΩ was chosen to ensure that the fan is
at min speed when the LM26 OS is off. When the OS output goes low at 45°C it simulates the low thermistor
resistance at higher temperatures thus setting fan to max speed.
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26


유사한 부품 번호 - LM26CIM5X-HHD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26CIM5X-KLA NSC-LM26CIM5X-KLA Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26CIM5X-NPA NSC-LM26CIM5X-NPA Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26CIM5X-RPA NSC-LM26CIM5X-RPA Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM26CIM5X-SPA NSC-LM26CIM5X-SPA Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
More results

유사한 설명 - LM26CIM5X-HHD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com