전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM235 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM235
상세설명  LMx35, LMx35A Precision Temperature Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM235 데이터시트(HTML) 5 Page - Texas Instruments

  LM235 Datasheet HTML 1Page - Texas Instruments LM235 Datasheet HTML 2Page - Texas Instruments LM235 Datasheet HTML 3Page - Texas Instruments LM235 Datasheet HTML 4Page - Texas Instruments LM235 Datasheet HTML 5Page - Texas Instruments LM235 Datasheet HTML 6Page - Texas Instruments LM235 Datasheet HTML 7Page - Texas Instruments LM235 Datasheet HTML 8Page - Texas Instruments LM235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
6.5 Temperature Accuracy: LM335, LM335A
(1)
LM335A
LM335
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Operating Output Voltage
TC = 25°C, IR = 1 mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated Temperature Error
TC = 25°C, IR = 1 mA
1
3
2
6
°C
Uncalibrated Temperature Error
TMIN ≤ TC ≤ TMAX, IR = 1
2
5
4
9
°C
mA
Temperature Error with 25°C
TMIN ≤ TC ≤ TMAX, IR = 1
0.5
1
1
2
°C
mA
Calibration
Calibrated Error at Extended
TC = TMAX (Intermittent)
2
2
°C
Temperature
Non-Linearity
IR = 1 mA
0.3
1.5
0.3
1.5
°C
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
6.6 Electrical Characteristics
See
(1).
LM135/LM235/LM135A/LM
LM335/LM335A
235A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Operating Output Voltage Change
400
μA ≤ IR ≤ 5 mA, At
2.5
10
3
14
mV
with Current
Constant Temperature
Dynamic Impedance
IR = 1 mA
0.5
0.6
Ω
Output Voltage Temperature
10
10
mV/°C
Coefficient
Time Constant
Still Air
80
80
sec
100 ft/Min Air
10
10
sec
Stirred Oil
1
1
sec
Time Stability
TC = 125°C
0.2
0.2
°C/khr
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


유사한 부품 번호 - LM235

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM235 STMICROELECTRONICS-LM235 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
LM235 STMICROELECTRONICS-LM235 Datasheet
574Kb / 16P
   Precision temperature sensors
logo
National Semiconductor ...
LM235 NSC-LM235 Datasheet
867Kb / 16P
   Precision Temperature Sensors
LM235A NSC-LM235A Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM235AD STMICROELECTRONICS-LM235AD Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
More results

유사한 설명 - LM235

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com